전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M29DW128F 데이터시트(PDF) 53 Page - Numonyx B.V

부품명 M29DW128F
상세설명  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW128F 데이터시트(HTML) 53 Page - Numonyx B.V

Back Button M29DW128F Datasheet HTML 49Page - Numonyx B.V M29DW128F Datasheet HTML 50Page - Numonyx B.V M29DW128F Datasheet HTML 51Page - Numonyx B.V M29DW128F Datasheet HTML 52Page - Numonyx B.V M29DW128F Datasheet HTML 53Page - Numonyx B.V M29DW128F Datasheet HTML 54Page - Numonyx B.V M29DW128F Datasheet HTML 55Page - Numonyx B.V M29DW128F Datasheet HTML 56Page - Numonyx B.V M29DW128F Datasheet HTML 57Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
M29DW128F
Dual Operations and Multiple Bank architecture
53/94
8
Dual Operations and Multiple Bank architecture
The Multiple Bank Architecture of the M29DW128F gives greater flexibility for software developers to split
the code and data spaces within the memory array. The Dual Operations feature simplifies the software
management of the device by allowing code to be executed from one bank while another bank is being
programmed or erased.
The Dual Operations feature means that while programming or erasing in one bank, read operations are
possible in another bank with zero latency.
Only one bank at a time is allowed to be in program or erase mode. However, certain commands can
cross bank boundaries, which means that during an operation only the banks that are not concerned with
the cross bank operation are available for dual operations. For example, if a Block Erase command is
issued to erase blocks in both Bank A and Bank B, then only Banks C or D are available for read
operations while the erase is being executed.
If a read operation is required in a bank, which is programming or erasing, the program or erase
operation can be suspended.
Also if the suspended operation was erase then a program command can be issued to another block, so
the device can have one block in Erase Suspend mode, one programming and other banks in read mode.
By using a combination of these features, read operations are possible at any moment.
Table 20 and Table 21 show the dual operations possible in other banks and in the same bank. Note that
only the commonly used commands are represented in these tables.
Table 20.
Dual Operations allowed in other Banks(1)
Status of Bank
Commands allowed in another bank
Read/
Reset
Read
Status
Register(2)
Read CFI
Query
Auto
Select
Program
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes(3)
Yes
Yes
Yes
Yes
Yes(3)
Yes(4)
Programming
Yes
No
No
No
No
No
Erasing
Yes
No
No
No
No
No
Program Suspended
Yes
No
Yes
Yes
No
No
-
Yes(5)
Erase Suspended
Yes
No
Yes
Yes
Yes
No
-
Yes(6)
1.
If several banks are involved in a program or erase operation, then only the banks that are not concerned with the
operation are available for dual operations.
2.
Read Status Register is not a command. The Status Register can be read during a block program or erase operation.
3.
Only after a program or erase operation in that bank.
4.
Only after a Program or Erase Suspend command in that bank.
5.
Only a Program Resume is allowed if the bank was previously in Program Suspend mode.
6.
Only an Erase Resume is allowed if the bank was previously in Erase Suspend mode.


유사한 부품 번호 - M29DW128F

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F60NF1 STMICROELECTRONICS-M29DW128F60NF1 Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F60NF1 STMICROELECTRONICS-M29DW128F60NF1 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F60NF1E STMICROELECTRONICS-M29DW128F60NF1E Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
More results

유사한 설명 - M29DW128F

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com