전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M29DW128F 데이터시트(PDF) 63 Page - Numonyx B.V

부품명 M29DW128F
상세설명  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW128F 데이터시트(HTML) 63 Page - Numonyx B.V

Back Button M29DW128F Datasheet HTML 59Page - Numonyx B.V M29DW128F Datasheet HTML 60Page - Numonyx B.V M29DW128F Datasheet HTML 61Page - Numonyx B.V M29DW128F Datasheet HTML 62Page - Numonyx B.V M29DW128F Datasheet HTML 63Page - Numonyx B.V M29DW128F Datasheet HTML 64Page - Numonyx B.V M29DW128F Datasheet HTML 65Page - Numonyx B.V M29DW128F Datasheet HTML 66Page - Numonyx B.V M29DW128F Datasheet HTML 67Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
M29DW128F
DC and AC parameters
63/94
Figure 16.
Toggle and Alternative Toggle bits mechanism, Chip Enable Controlled
1.
The Toggle bit is output on DQ6.
2.
The Alternative Toggle bit is output on DQ2.
3.
Refer to
Table 26: Read AC characteristics for the value of tELQV.
Figure 17.
Toggle and Alternative Toggle bits mechanism, Output Enable Controlled
1.
The Toggle bit is output on DQ6.
2.
The Alternative Toggle bit is output on DQ2.
3.
Refer to
Table 26: Read AC characteristics for the value of tGLQV.
AI08914e
G
A0-A22
DQ2(1)/DQ6(2)
E
tAXEL
tELQV
Data
Data
Toggle/
Alt.Toggle Bit
tELQV
Address in the Bank
being Programmed or Erased
Read Operation outside the Bank
Being Programmed or Erased
Address Outside the Bank
being Programmed or Erased
Toggle/
Alt.Toggle Bit
Read Operation Outside the Bank
Being Programmed or Erased
Read Operation in the Bank
Being Programmed or Erased
Address Outside the Bank
being Programmed or Erased
AI08915e
G
A0-A22
DQ2(1)/DQ6(2)
E
tAXGL
tGLQV
Data
Data
Toggle/
Alt.Toggle Bit
tGLQV
Address in the Bank
being Programmed/Erased
Read Operation outside Bank
Being Programmed or Erased
Address Outside the Bank
being Programmed/Erased
Toggle/
Alt.Toggle Bit
Read Operation outside Bank
Being Programmed or Erased
Read Operation in Bank
Being Programmed or Erased
Address Outside the Bank
being Programmed/Erased
Table 29.
Toggle and Alternative Toggle bits AC characteristics
Symbol
Alt
Parameter
M29DW128F
Unit
60
70
tAXEL
Address Transition to Chip Enable Low
Min
10
10
ns
tAXGL
Address Transition to Output Enable Low
Min
10
10
ns


유사한 부품 번호 - M29DW128F

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F60NF1 STMICROELECTRONICS-M29DW128F60NF1 Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F60NF1 STMICROELECTRONICS-M29DW128F60NF1 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F60NF1E STMICROELECTRONICS-M29DW128F60NF1E Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
More results

유사한 설명 - M29DW128F

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com