전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT10DR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ACT10DR
상세설명  TRIPLE-3-INPUT PSITIVE-NAND GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT10DR 데이터시트(HTML) 4 Page - Texas Instruments

  SN74ACT10DR Datasheet HTML 1Page - Texas Instruments SN74ACT10DR Datasheet HTML 2Page - Texas Instruments SN74ACT10DR Datasheet HTML 3Page - Texas Instruments SN74ACT10DR Datasheet HTML 4Page - Texas Instruments SN74ACT10DR Datasheet HTML 5Page - Texas Instruments SN74ACT10DR Datasheet HTML 6Page - Texas Instruments SN74ACT10DR Datasheet HTML 7Page - Texas Instruments SN74ACT10DR Datasheet HTML 8Page - Texas Instruments SN74ACT10DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54ACT10, SN74ACT10
TRIPLE 3INPUT POSITIVENAND GATES
SCAS526C − AUGUST 1995 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
50% VCC
VOLTAGE WAVEFORMS
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
500
Open
TEST
tPLH/tPHL
S1
Open
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr v 2.5 ns, tf v 2.5 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


유사한 부품 번호 - SN74ACT10DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ACT10DR TI1-SN74ACT10DR Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10DRE4 TI1-SN74ACT10DRE4 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

유사한 설명 - SN74ACT10DR

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM54L10 NSC-DM54L10 Datasheet
82Kb / 4P
   Triple 3-Input NAND Gates
5410 NSC-5410 Datasheet
93Kb / 4P
   Triple 3-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS10 AEROFLEX-UT54ACS10 Datasheet
230Kb / 9P
   Triple 3-Input NAND Gates
logo
Renesas Technology Corp
HD74HC10 RENESAS-HD74HC10 Datasheet
84Kb / 7P
   Triple 3-input NAND Gates
logo
Hitachi Semiconductor
HD74HC10 HITACHI-HD74HC10 Datasheet
39Kb / 7P
   Triple 3-input NAND Gates
logo
National Semiconductor ...
54LS10 NSC-54LS10 Datasheet
120Kb / 6P
   Triple 3-Input NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com