전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBT2907A 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 SMBT2907A
상세설명  PNP Silicon Switching Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBT2907A 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  SMBT2907A Datasheet HTML 1Page - Siemens Semiconductor Group SMBT2907A Datasheet HTML 2Page - Siemens Semiconductor Group SMBT2907A Datasheet HTML 3Page - Siemens Semiconductor Group SMBT2907A Datasheet HTML 4Page - Siemens Semiconductor Group SMBT2907A Datasheet HTML 5Page - Siemens Semiconductor Group SMBT2907A Datasheet HTML 6Page - Siemens Semiconductor Group SMBT2907A Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMBT 2907A
6
Semiconductor Group
Jan-22-1999
Delay time
td = f (IC)
Rise time
tr = f (IC)
Saturation voltage
IC = f (VBEsat, VCEsat)
hFE = 10
Storage time
tstg = f(IC)
Fall time
tf = f (IC)


유사한 부품 번호 - SMBT2907A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
178Kb / 6P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
SMBT2907A INFINEON-SMBT2907A Datasheet
87Kb / 9P
   PNP Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-26
SMBT2907A INFINEON-SMBT2907A Datasheet
542Kb / 9P
   PNP Silicon Switching Transistor
2011-09-30
SMBT2907A INFINEON-SMBT2907A_07 Datasheet
87Kb / 9P
   PNP Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-26
More results

유사한 설명 - SMBT2907A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com