전자부품 데이터시트 검색엔진 |
|
IRFP3415PBF 데이터시트(PDF) 3 Page - International Rectifier |
|
IRFP3415PBF 데이터시트(HTML) 3 Page - International Rectifier |
3 / 9 page IRFP3415PbF www.irf.com 3 Fig 4. Normalized On-Resistance Vs. Temperature Fig 2. Typical Output Characteristics Fig 1. Typical Output Characteristics Fig 3. Typical Transfer Characteristics 10 100 1000 1 10 100 20us PULSE WIDTH T = 25 C J o TOP BOTTOM VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.5V 4.5V V , Drain-to-Source Voltage (V) DS 4.5V 10 100 1000 1 10 100 20us PULSE WIDTH T = 175 C J o TOP BOTTOM VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.5V 4.5V V , Drain-to-Source Voltage (V) DS 4.5V -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 T , Junction Temperature ( C) J o V = I = GS D 10V 37A 5.0V 5.0V 10 100 1000 4 5 6 7 8 9 10 V = 50V 20µs PULSE WIDTH DS V , Gate-to-Source Voltage (V) GS T = 25 C J ° T = 175 C J ° |
유사한 부품 번호 - IRFP3415PBF |
|
유사한 설명 - IRFP3415PBF |