전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS40N60KPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFPS40N60KPBF
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS40N60KPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRFPS40N60KPBF Datasheet HTML 1Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 2Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 3Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 4Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 5Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 6Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 7Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFPS40N60KPbF
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
21
––– –––
S
VDS = 50V, ID = 24A
Qg
Total Gate Charge
–––
––– 330
ID = 38A
Qgs
Gate-to-Source Charge
–––
–––
84
nC
VDS = 480V
Qgd
Gate-to-Drain ("Miller") Charge
–––
––– 150
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
47
–––
VDD = 300V
tr
Rise Time
–––
110 –––
ID = 38A
td(off)
Turn-Off Delay Time
–––
97
–––
RG = 4.3Ω
tf
Fall Time
–––
60
–––
VGS = 10V,See Fig. 10
„
Ciss
Input Capacitance
–––
7970 –––
VGS = 0V
Coss
Output Capacitance
–––
750 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
75
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
9440 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
200 –––
VGS = 0V, VDS = 480V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
260 –––
VGS = 0V, VDS = 0V to 480V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.63 –––
V/°C Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
––– 0.110 0.130
VGS = 10V, ID = 24A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
50
µA
VDS = 600V, VGS = 0V
–––
––– 250
VDS = 480V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -30V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
ƒ ISD ≤ 38A, di/dt ≤ 150A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 0.84mH, RG = 25Ω,
IAS = 38A, dv/dt =5.5V/ns (See Figure 12a)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
S
D
G
Diode Characteristics
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
––– –––
40
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
––– –––
160
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.5
V
TJ = 25°C, IS = 38A, VGS = 0V
„
––– 630
950
TJ = 25°C
IF = 38A
––– 730 1090
TJ = 125°C
di/dt = 100A/µs
„
–––
14
20
TJ = 25°C
–––
17
25
TJ = 125°C
IRRM
Reverse Recovery Current
–––
39
58
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
ns
µC


유사한 부품 번호 - IRFPS40N60KPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS40N60K IRF-IRFPS40N60K Datasheet
140Kb / 8P
   HEXFET-R Power MOSFET
logo
Vishay Siliconix
IRFPS40N60K VISHAY-IRFPS40N60K Datasheet
183Kb / 9P
   Power MOSFET
Rev. B, 31-Jan-11
More results

유사한 설명 - IRFPS40N60KPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com