전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS40N60KPBF 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFPS40N60KPBF
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS40N60KPBF 데이터시트(HTML) 8 Page - International Rectifier

  IRFPS40N60KPBF Datasheet HTML 1Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 2Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 3Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 4Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 5Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 6Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 7Page - International Rectifier IRFPS40N60KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFPS40N60KPbF
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.09/04
Case Outline and Dimensions — Super-247
Super-247 (TO-274AA) Part Marking Information
AS SE M B LY LO T C O D E
TO P
E X A M PL E: T H IS IS AN IR F P S 3 7 N 5 0 A W IT H
A S S E M B L Y LO T C O D E 17 89
IN T E RNAT IO N AL RE CT IF IE R
L O G O
89
IR F P S 37N 50A
17
P A RT NUM BE R
A S S E M B LE D O N W W 1 9 , 19 97
IN TH E AS SE M B L Y LIN E "C "
N o te : "P " in a s s e m b ly lin e p o s itio n
in d icate s " L e ad- F ree "
719C
DA T E CO DE
Y E A R 7 = 19 97
WE E K 1 9
LIN E C


유사한 부품 번호 - IRFPS40N60KPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS40N60K IRF-IRFPS40N60K Datasheet
140Kb / 8P
   HEXFET-R Power MOSFET
logo
Vishay Siliconix
IRFPS40N60K VISHAY-IRFPS40N60K Datasheet
183Kb / 9P
   Power MOSFET
Rev. B, 31-Jan-11
More results

유사한 설명 - IRFPS40N60KPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com