전자부품 데이터시트 검색엔진 |
|
M27C2001-12B1X 데이터시트(PDF) 5 Page - STMicroelectronics |
|
M27C2001-12B1X 데이터시트(HTML) 5 Page - STMicroelectronics |
5 / 16 page 5/16 M27C2001 Table 7. Read Mode DC Characteristics (1) (TA = 0 to 70 °C or –40 to 85 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Maximum DC voltage on Output is VCC +0.5V. Table 8A. Read Mode AC Characteristics (1) (TA = 0 to 70 °C or –40 to 85 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. 3. In case of 45ns speed see High Speed AC measurament conditions. Symbol Parameter Test Condition Min Max Unit ILI Input Leakage Current 0V ≤ VIN ≤ VCC ±10 µA ILO Output Leakage Current 0V ≤ VOUT ≤ VCC ±10 µA ICC Supply Current E= VIL,G= VIL, IOUT = 0mA, f = 5MHz 30 mA ICC1 Supply Current (Standby) TTL E = VIH 1mA ICC2 Supply Current (Standby) CMOS E> VCC – 0.2V 100 µA IPP Program Current VPP =VCC 10 µA VIL Input Low Voltage –0.3 0.8 V VIH (2) Input High Voltage 2 VCC +1 V VOL Output Low Voltage IOL = 2.1mA 0.4 V VOH Output High Voltage TTL IOH = –400µA 2.4 V Output High Voltage CMOS IOH = –100µAVCC – 0.7V V Symbol Alt Parameter Test Condition M27V2001 Unit -55 (3) -70 -80 -90 Min Max Min Max Min Max Min Max tAVQV tACC Address Valid to Output Valid E= VIL,G = VIL 55 70 80 90 ns tELQV tCE Chip Enable Low to Output Valid G= VIL 55 70 80 90 ns tGLQV tOE Output Enable Low to Output Valid E= VIL 30 35 40 40 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G= VIL 0 30 0 30 0 30 0 30 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E= VIL 0 30 0 30 0 30 0 30 ns tAXQX tOH Address Transition to Output Transition E= VIL,G = VIL 000 0 ns |
유사한 부품 번호 - M27C2001-12B1X |
|
유사한 설명 - M27C2001-12B1X |