전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C2001-12N1X 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 M27C2001-12N1X
상세설명  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-12N1X 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button M27C2001-12N1X Datasheet HTML 4Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 5Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 6Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 7Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 8Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 9Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 10Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 11Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
M27C2001
8/16
PRESTO II Programming Algorithm
PRESTO II Programming Algorithm allows the
whole array to be programmed with a guaranteed
margin, in a typical time of 26.5 seconds. Pro-
gramming with PRESTO II consists of applying a
sequence of 100
µs program pulses to each byte
until a correct verify occurs (see Figure 7). During
programming and verify operation, a MARGIN
MODE circuit is automatically activated in order to
guarantee that each cell is programmed with
enough margin. No overprogram pulse is applied
since the verify in MARGIN MODE provides the
necessary margin to each programmed cell.
Program Inhibit
Programming of multiple M27C2001s in parallel
with different data is also easily accomplished. Ex-
cept for E, all like inputs including G of the parallel
M27C2001 may be common. A TTL low level
pulse applied to a M27C2001’s P input, with E low
and VPP at 12.75V, will program that M27C2001.
A high level E input inhibits the other M27C2001s
from being programmed.
Program Verify
A verify (read) should be performed on the pro-
grammed bits to determine that they were correct-
ly programmed. The verify is accomplished with E
and G at VIL, P at VIH,VPP at 12.75V and VCC at
6.25V.
Figure 6. Programming and Verify Modes AC Waveforms
tAVPL
VALID
AI00720
A0-A17
Q0-Q7
VPP
VCC
P
G
DATA IN
DATA OUT
E
tQVPL
tVPHPL
tVCHPL
tPHQX
tPLPH
tGLQV
tQXGL
tELPL
tGHQZ
tGHAX
PROGRAM
VERIFY
Figure 7. Programming Flowchart
AI00715C
n= 0
Last
Addr
VERIFY
P = 100
µs Pulse
++n
=25
++ Addr
VCC = 6.25V, VPP = 12.75V
FAIL
CHECK ALL BYTES
1st: VCC =6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO


유사한 부품 번호 - M27C2001-12N1X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C2001-12N1TR STMICROELECTRONICS-M27C2001-12N1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

유사한 설명 - M27C2001-12N1X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com