전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C2001-25N1X 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 M27C2001-25N1X
상세설명  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-25N1X 데이터시트(HTML) 1 Page - STMicroelectronics

  M27C2001-25N1X Datasheet HTML 1Page - STMicroelectronics M27C2001-25N1X Datasheet HTML 2Page - STMicroelectronics M27C2001-25N1X Datasheet HTML 3Page - STMicroelectronics M27C2001-25N1X Datasheet HTML 4Page - STMicroelectronics M27C2001-25N1X Datasheet HTML 5Page - STMicroelectronics M27C2001-25N1X Datasheet HTML 6Page - STMicroelectronics M27C2001-25N1X Datasheet HTML 7Page - STMicroelectronics M27C2001-25N1X Datasheet HTML 8Page - STMicroelectronics M27C2001-25N1X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
April 1999
M27C2001
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
s
5V
± 10% SUPPLY VOLTAGE in READ
OPERATION
s
FAST ACCESS TIME: 55ns
s
LOW POWER CONSUMPTION:
– Active Current 30mA at 5MHz
– Standby Current 100
µA
s
PROGRAMMING VOLTAGE: 12.75V
± 0.25V
s
PROGRAMMING TIME: 100
µs/byte (typical)
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 61h
DESCRIPTION
The M27C2001 is a high speed 2 Mbit EPROM of-
fered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large pro-
grams and is organised as 262,144 by 8 bits.
The FDIP32W (window ceramic frit-seal package)
and LCCC32W (leadless chip carrier package)
have a transparent lids which allow the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
For applications where the content is programmed
only one time and erasure is not required, the
M27C2001 is offered in PDIP32, PLCC32 and
TSOP32 (8 x 20 mm) packages.
Figure 1. Logic Diagram
AI00716B
18
A0-A17
P
Q0-Q7
VPP
VCC
M27C2001
G
E
VSS
8
Table 1. Signal Names
A0-A17
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
1
32
32
1
FDIP32W (F)
PDIP32 (B)
PLCC32 (K)
TSOP32 (N)
8 x 20 mm
LCCC32W (L)


유사한 부품 번호 - M27C2001-25N1X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C2001-25N1TR STMICROELECTRONICS-M27C2001-25N1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

유사한 설명 - M27C2001-25N1X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com