전자부품 데이터시트 검색엔진 |
|
M27V160 데이터시트(PDF) 3 Page - STMicroelectronics |
|
M27V160 데이터시트(HTML) 3 Page - STMicroelectronics |
3 / 15 page 3/15 M27V160 The M27V160 has two control functions, both of which must be logically active in order to obtain data at the outputs. In addition the Word-wide or Byte- wide organisation must be selected. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should be used to gate data to the output pins independent of device selection. Assuming that the addresses are stable, the ad- dress access time (tAVQV) is equal to the delay from E to output (tELQV). Data is available at the output after a delay of tGLQV from the falling edge of G, assuming that E has been low and the ad- dresses have been stable for at least tAVQV-tGLQV. Table 2. Absolute Maximum Ratings (1) Note: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi- tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual- ity documents. 2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns. 3. Depends on range. Table 3. Operating Modes Note: X = VIH or VIL,VID = 12V ± 0.5V. Table 4. Electronic Signature Symbol Parameter Value Unit TA Ambient Operating Temperature (3) –40 to 125 °C TBIAS Temperature Under Bias –50 to 125 °C TSTG Storage Temperature –65 to 150 °C VIO (2) Input or Output Voltage (except A9) –2 to 7 V VCC Supply Voltage –2 to 7 V VA9 (2) A9 Voltage –2 to 13.5 V VPP Program Supply Voltage –2 to 14 V Mode E G BYTEVPP A9 Q15A–1 Q14-Q8 Q7-Q0 Read Word-wide VIL VIL VIH X Data Out Data Out Data Out Read Byte-wide Upper VIL VIL VIL XVIH Hi-Z Data Out Read Byte-wide Lower VIL VIL VIL X VIL Hi-Z Data Out Output Disable VIL VIH X X Hi-Z Hi-Z Hi-Z Program VIL Pulse VIH VPP X Data In Data In Data In Verify VIH VIL VPP X Data Out Data Out Data Out Program Inhibit VIH VIH VPP X Hi-Z Hi-Z Hi-Z Standby VIH X X X Hi-Z Hi-Z Hi-Z Electronic Signature VIL VIL VIH VID Code Codes Codes Identifier A0 Q15 and Q7 Q14 and Q6 Q13 and Q5 Q12 and Q4 Q11 and Q3 Q10 and Q2 Q9 and Q1 Q8 and Q0 Hex Data Manufacturer’s Code VIL 001 000 00 20h Device Code VIH 101 100 01 B1h |
유사한 부품 번호 - M27V160 |
|
유사한 설명 - M27V160 |