전자부품 데이터시트 검색엔진 |
|
M27V322 데이터시트(PDF) 2 Page - STMicroelectronics |
|
M27V322 데이터시트(HTML) 2 Page - STMicroelectronics |
2 / 13 page M27V322 2/13 Figure 2A. DIP Connections GVPP Q0 Q8 A3 A0 E VSS A2 A1 A13 VSS A14 A15 Q7 A12 A16 A20 Q15 Q5 Q2 Q3 VCC Q11 Q4 Q14 A9 A8 A17 A4 A18 A19 A7 AI03051 M27V322 8 1 2 3 4 5 6 7 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 20 19 18 17 Q1 Q9 A6 A5 Q6 Q13 42 39 38 37 36 35 34 33 A11 A10 Q10 21 Q12 40 41 from E to output (tELQV). Data is available at the output after a delay of tGLQV from the falling edge of GVPP, assuming that E has been low and the addresses have been stable for at least tAVQV- tGLQV. Standby Mode The M27V322 has a standby mode which reduces the supply current from 30mA to 30µA. The M27V322 is placed in the standby mode by apply- ing a CMOS high signal to the E input.When in the standby mode, the outputs are in a high imped- ance state, independent of the GVPP input. Two Line Output Control Because EPROMs are usually used in larger memory arrays, this product features a 2 line con- trol function which accommodates the use of mul- tiple memory connection. The two line control function allows: a. the lowest possible memory power dissipation, b. complete assurance that output bus contention will not occur. For the most efficient use of these two control lines, E should be decoded and used as the prima- ry device selecting function, while GVPP should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This ensures that all deselect- ed memory devices are in their low power standby mode and that the output pins are only active when data is required from a particular memory device. Table 1. Signal Names A0-A20 Address Inputs Q0-Q15 Data Outputs E Chip Enable GVPP Output Enable / Program Supply VCC Supply Voltage VSS Ground DEVICE OPERATION The operating modes of the M27V322 are listed in the Operating Modes Table. A single power supply is required in the read mode. All inputs are TTL compatible except for VPP and 12V on A9 for the Electronic Signature. Read Mode The M27V322 has a word-wide organization. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should be used to gate data to the output pins independent of device selection. Assuming that the addresses are stable, the ad- dress access time (tAVQV) is equal to the delay |
유사한 부품 번호 - M27V322 |
|
유사한 설명 - M27V322 |