전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL1431CLP 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TL1431CLP
상세설명  PRECISION PROGRAMMABLE REFERENCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL1431CLP 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TL1431CLP Datasheet HTML 7Page - Texas Instruments TL1431CLP Datasheet HTML 8Page - Texas Instruments TL1431CLP Datasheet HTML 9Page - Texas Instruments TL1431CLP Datasheet HTML 10Page - Texas Instruments TL1431CLP Datasheet HTML 11Page - Texas Instruments TL1431CLP Datasheet HTML 12Page - Texas Instruments TL1431CLP Datasheet HTML 13Page - Texas Instruments TL1431CLP Datasheet HTML 14Page - Texas Instruments TL1431CLP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
3
2
1
0
0
1
2
3
4
4
5
PULSE RESPONSE
6
5
6
7
TEST CIRCUIT FOR PULSE RESPONSE
TA = 25°C
Input
Output
t − Time −
µs
Pulse
Generator
f = 100 kHz
50
220
Output
GND
VI
STABILITY BOUNDARY CONDITIONS
50
40
10
0
0.001
0.01
0.1
1
70
90
100
10
30
80
60
20
TEST CIRCUIT FOR CURVE A
TEST CIRCUIT FOR CURVES B, C, AND D
CL − Load Capacitance − µF
A-VKA = VI(ref)
B-VKA = 5 V
C-VKA = 10 V
D-VKA = 15 V
Stable
Stable
A
B
C
D
IKA = 10 mA
TA = 25°C
CL
CL
150
150
IKA
IKA
VBATT
VBATT
R1 =
10 k
R2
+
+
VI
VI
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
Figure 14.
A.
The areas under the curves represent conditions that may cause the device to oscillate. For curves B, C, and D, R2 and V+ are
adjusted to establish the initial VKA and IKA conditions, with CL = 0. VBATT and CL then are adjusted to determine the ranges of
stability.
Figure 15.
Copyright © 1991–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TL1431


유사한 부품 번호 - TL1431CLP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL1431CLP TI-TL1431CLP Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CLP TI-TL1431CLP Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CLP TI-TL1431CLP Datasheet
578Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CLP TI-TL1431CLP Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CLP TI1-TL1431CLP Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

유사한 설명 - TL1431CLP

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com