전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CB3T3245 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74CB3T3245
상세설명  8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3245 데이터시트(HTML) 5 Page - Texas Instruments

  SN74CB3T3245_08 Datasheet HTML 1Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 2Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 3Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 4Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 5Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 6Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 7Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 8Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Electrical Characteristics
(1)
Switching Characteristics
SN74CB3T3245
8-BIT FET BUS SWITCH
2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SCDS136 – OCTOBER 2003 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3 V, II = –18 mA
–1.2
V
VOH
See Figure 3 and Figure 4
IIN
Control inputs
VCC = 3.6 V, VIN = 3.6 V to 5.5 V or GND
±10
µA
VI = VCC – 0.7 V to 5.5 V
±20
II
VCC = 3.6 V, Switch ON, VIN = VCC or GND VI = 0.7 V to VCC – 0.7 V
–40
µA
VI = 0 to 0.7 V
±5
IOZ(3)
VCC = 3.6 V, VO = 0 to 5.5 V, VI = 0, Switch OFF, VIN = VCC or GND
±10
µA
Ioff
VCC = 0, VO = 0 to 5.5 V, VI = 0,
10
µA
VI = VCC or GND
40
VCC = 3.6 V, II/O = 0,
ICC
µA
Switch ON or OFF, VIN = VCC or GND
VI = 5.5 V
40
∆I
CC
(4)
Control inputs
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V, Other inputs at VCC or GND
300
µA
Cin
Control inputs
VCC = 3.3 V, VIN = VCC or GND
4
pF
Cio(OFF)
VCC = 3.3 V, VI/O = 5.5 V, 3.3 V, or GND, Switch OFF, VIN = VCC or GND
5
pF
VI/O = 5.5 V or 3.3 V
5
Cio(ON)
VCC = 3.3 V, Switch ON, VIN = VCC or GND
pF
VI/O = GND
13
IO = 24 mA
5
8.5
VCC = 2.3 V, TYP at VCC = 2.5 V, VI = 0
IO = 16 mA
5
8.5
ron(5)
IO = 64 mA
5
7
VCC = 3 V, VI = 0
IO = 32 mA
5
7
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between A and B terminals at the indicated current through the switch. ON-state resistance is determined
by the lower of the voltages of the two (A or B) terminals.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
VCC = 2.5 V
VCC = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd(1)
A or B
B or A
0.15
0.25
ns
ten
OE
A or B
1
10.5
1
8
ns
tdis
OE
A or B
1
5.5
1
7.5
ns
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
5


유사한 부품 번호 - SN74CB3T3245_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3T3245 TI-SN74CB3T3245_07 Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
More results

유사한 설명 - SN74CB3T3245_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3T3245 TI-SN74CB3T3245_10 Datasheet
512Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245_07 Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_08 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_07 Datasheet
218Kb / 15P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI-SN74CB3T16210 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com