전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB83AA23ZAY 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TSB83AA23ZAY
상세설명  IEEE Std 1394b-2002 PHY AND OHCI LINK DEVICE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSB83AA23ZAY 데이터시트(HTML) 3 Page - Texas Instruments

  TSB83AA23ZAY Datasheet HTML 1Page - Texas Instruments TSB83AA23ZAY Datasheet HTML 2Page - Texas Instruments TSB83AA23ZAY Datasheet HTML 3Page - Texas Instruments TSB83AA23ZAY Datasheet HTML 4Page - Texas Instruments TSB83AA23ZAY Datasheet HTML 5Page - Texas Instruments TSB83AA23ZAY Datasheet HTML 6Page - Texas Instruments TSB83AA23ZAY Datasheet HTML 7Page - Texas Instruments TSB83AA23ZAY Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.ti.com
TSB83AA23
SLLS787 – AUGUST 2007
The TSB83AA23 PHY section provides the digital and analog transceiver functions needed to implement a
three-port node in a cable-based IEEE 1394 network. Each cable port incorporates two differential line
transceivers. The transceivers include circuitry to monitor the line conditions as needed for determining
connection status, for initialization and arbitration, and for packet reception and transmission.
The TSB83AA23 is powered by multiple voltage supplies, 3.3-V supplies for I/O and the LLC section, and a core
voltage supply for the PHY section. The core voltage supply is supplied to the PLLVDD_CORE and
DVDD_CORE terminals in accordance with the requirements in the recommended operating conditions. The
PLLVDD_CORE terminals must be separated from the DVDD_CORE terminals, the PLLVDD_CORE terminals
are decoupled with 1-
μF and smaller decoupling capacitors, and the DVDD_CORE terminals separately
decoupled with 1-
μF and smaller decoupling capacitors. The separation between DVDD_CORE and
PLLVDD_CORE can be implemented by separate power-supply rails, or by a single power-supply rail, where the
DVDD_CORE and PLLVDD_CORE are separated by a filter network to keep noise from the PLLVDD_CORE
supply. In addition, REG_EN must be asserted low to enable the internal voltage regulator for the LLC section. If
REG_EN is not pulled low, the a 1.8-V power rail must be applied to the REG18 pins.
The TSB83AA23 requires an external 98.304-MHz crystal oscillator to generate a reference clock. The external
clock drives an internal phase-locked loop (PLL), which generates the required reference signal. This reference
signal provides the clock signals that control transmission of the outbound encoded information. The power-down
(PD) function, when enabled by asserting the PD terminal high, stops operation of the PLL.
Data bits to be transmitted through the cable ports are latched internally, combined serially, encoded, and
transmitted at 98.304, 196.608, 393.216, 491.52, or 983.04 Mbps (referred to as S100, S200, S400, S400B, or
S800 speed, respectively) as the outbound information stream.
To ensure that the TSB83AA23 conforms to the IEEE Std 1394b-2002 standard, the BMODE terminal must be
asserted.
NOTE:
The BMODE terminal does not select the cable-interface mode of operation. The
BMODE terminal selects the internal PHY section-LLC section interface mode of
operation and affects the arbitration modes on the cable. BMODE must be pulled high
during normal operation.
The cable interface can follow either the IEEE Std 1394a-2000 protocol or the IEEE Std 1394b-2002 protocol on
all ports. The mode of operation is determined by the interface capabilities of the ports being connected. When
any of the ports are connected to an IEEE Std 1394a-2000-compliant device, the cable interface on that port
operates in the IEEE Std 1394a-2000 data-strobe mode at a compatible S100, S200, or S400 speed. When a
bilingual port is connected to an IEEE Std 1394b-2002-compliant node, the cable interface on that port operates
per the IEEE Std 1394b-2002 standard at S400B or S800 speed. The TSB83AA23 automatically determines the
correct cable interface connection method for the bilingual ports.
To operate a port as an IEEE Std 1394b-2002 bilingual port, the data-strobe-only terminal for the port (DS0 or
DS1) must be pulled to ground through a 1-k
Ω resistor. The port must be operated in the IEEE Std 1394b-2002
bilingual mode when an IEEE Std 1394b-2002 bilingual or an IEEE Std 1394b-2002 Beta-only connector is
connected to the port. To operate the port as an IEEE Std 1394a-2000-only port, the data-strobe-only terminal
(DS0 or DS1) must be pulled to 3.3-V VCC through a 1-kΩ resistor. The only time the port must be forced to the
data-strobe-only mode is if the port is connected to an IEEE Std 1394a-2000 connector (either 6 pin, which is
recommended, or 4 pin). This mode is provided to ensure that IEEE Std 1394b-2002 signaling is never sent
across an IEEE Std 1394a-2000 cable.
During packet reception, the serial data bits are split into 2-, 4-, or 8-bit parallel streams by the PHY section and
sent to the link-layer controller (LLC) section. The received data is also transmitted (repeated) on the other
connected and active cable ports.
Both the twisted pair A (TPA) and the twisted pair B (TPB) cable interfaces incorporate differential comparators
to
monitor
the
line
states
during
initialization
and
arbitration
when
connected
to
an
IEEE
Std
1394a-2000-compliant device. The outputs of these comparators are used by the internal logic to determine the
arbitration status. The TPA channel monitors the incoming cable common-mode voltage. The value of this
common-mode voltage is used during IEEE Std 1394a-2000-mode arbitration and sets the speed of the next
packet transmission. In addition, the TPB channel monitors the incoming cable common-mode voltage on the
TPB pair for the presence of the remotely supplied twisted pair bias (TPBIAS) voltage.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TSB83AA23


유사한 부품 번호 - TSB83AA23ZAY

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB83AA22A TI-TSB83AA22A Datasheet
55Kb / 6P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22AZAJ TI1-TSB83AA22AZAJ Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A_08 Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
More results

유사한 설명 - TSB83AA23ZAY

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB83AA22A TI1-TSB83AA22A_14 Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI-TSB83AA22A Datasheet
55Kb / 6P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A_08 Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
XIO2221 TI1-XIO2221 Datasheet
1Mb / 196P
[Old version datasheet]   PCI Express??TO 1394b OHCI WITH 1-PORT PHY
XIO2213A TI-XIO2213A_10 Datasheet
1Mb / 186P
[Old version datasheet]   PCI Express to 1394b OHCI with 3-Port PHY
XIO2213B TI-XIO2213B Datasheet
2Mb / 199P
[Old version datasheet]   PCI Express??TO 1394b OHCI WITH 3-PORT PHY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com