전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMT32BSM8 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 KMT32BSM8
상세설명  MAGNETIC ANGLE SENSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

KMT32BSM8 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  KMT32BSM8 Datasheet HTML 1Page - List of Unclassifed Manufacturers KMT32BSM8 Datasheet HTML 2Page - List of Unclassifed Manufacturers KMT32BSM8 Datasheet HTML 3Page - List of Unclassifed Manufacturers KMT32BSM8 Datasheet HTML 4Page - List of Unclassifed Manufacturers KMT32BSM8 Datasheet HTML 5Page - List of Unclassifed Manufacturers KMT32BSM8 Datasheet HTML 6Page - List of Unclassifed Manufacturers KMT32BSM8 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MAGNETIC ANGLE SENSOR
KMT32B
Preliminary
HL PLANARTECHNIK GmbH • Hauert 13 • 44227 Dortmund • Germany • www.hlplanar.de
service@hlplanar.de • phone: +49-(0)231-97400 • fax: +49-(0)231-974020
KMT32B_PreliminaryDataSheet (2007-01-12)-1.doc
Last update 19.01.07
The
KMT32B
magnetic
field
sensor is suited for high precision
angle measurement applications
under
low
field
conditions
(regularly H0 = 25 kA/m, with
reduced
accuracy
applicable
down to H0 = 8 kA/m; beware of
earth’s magnetic field !).
CHARACTERISTIC VALUES (PRELIMINARY)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
A. Operating Limits
max. supply voltage
Vcc,max
10
V
max. current (single bridge) Icc,max
4
mA
power dissipation
Ptot
@T= TBD °C
TBD
mW
operating temperature
Top
-40
+150
°
C
storage temperature
Tst
-25
+150
°
C
B. Sensor Specifications (T=25 °C)
Supply voltage
Vcc
5
8.5
V
Resistance (single bridge)
Rb
2400
3000
3600
Output signal range
V/Vcc
Condition A, B
17
20
mV/V
Offset voltage
Voff
Condition A, B
-1
0
+1
mV/V
angular inaccuracy
∆α
Condition A, B
0.05
0.2
deg
angular hysteresis
∆α
H
Condition A, B
0.1
deg
C. Sensor Specifications
TC of amplitude
TCSV
Condition A, C
-0.36
-0.32
-0.28
%/K
TC of resistance
TCBR
Condition A, C
+0.27
+0.32
+0.37
%/K
TC of offset
TCVoff
Condition A, C
-4
0
+4
µV/V/K
Stress above one or more of the limiting values may cause permanent damage to the device. Exposure to limiting values for
extended periods may affect device reliability.
Circuit Diagram


유사한 부품 번호 - KMT32BSM8

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
More results

유사한 설명 - KMT32BSM8

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZMT32 DIODES-ZMT32 Datasheet
395Kb / 10P
   Magnetic Field Angle Sensor
logo
Zetex Semiconductors
ZMT32 ZETEX-ZMT32 Datasheet
388Kb / 10P
   Magnetic Field Angle Sensor
logo
List of Unclassifed Man...
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
   Magnetic Field Sensors Angle Sensor
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
logo
ams AG
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ASM GmbH
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
   Magnetic Angle Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com