전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT28C513NI-15T 데이터시트(PDF) 10 Page - Catalyst Semiconductor

부품명 CAT28C513NI-15T
상세설명  512K-Bit CMOS PARALLEL EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C513NI-15T 데이터시트(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT28C513NI-15T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C513NI-15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C513NI-15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C513NI-15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C513NI-15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C513NI-15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C513NI-15T Datasheet HTML 9Page - Catalyst Semiconductor CAT28C513NI-15T Datasheet HTML 10Page - Catalyst Semiconductor CAT28C513NI-15T Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT28C512/513
10
Doc. No. 1007, Rev. A
To activate the software data protection, the device must
be sent three write commands to specific addresses with
specific data (Figure 9). This sequence of commands
(along with subsequent writes) must adhere to the page
write timing specifications (Figure 11). Once this is done,
all subsequent byte or page writes to the device must be
preceded by this same set of write commands. The data
protection mechanism is activated until a deactivate
sequence is issued regardless of power on/off transi-
tions. This gives the user added inadvertent write pro-
tection on power-up in addition to the hardware protec-
tion provided.
To allow the user the ability to program the device with
an EEPROM programmer (or for testing purposes) there
is a software command sequence for deactivating the
data protection. The six step algorithm (Figure 10) will
reset the internal protection circuitry, and the device will
return to standard operating mode (Figure 12 provides
reset timing). After the sixth byte of this reset sequence
has been issued, standard byte or page writing can
commence.
Figure 11. Software Data Protection Timing
5096 FHD F13
CE
WE
tWP
AA
5555
55
2AAA
A0
5555
DATA
ADDRESS
tBLC
tWC
BYTE OR
PAGE
WRITES
ENABLED
Figure 12. Resetting Software Data Protection Timing
CE
WE
AA
5555
55
2AAA
DATA
ADDRESS
tWC
80
5555
AA
5555
55
2AAA
20
5555
SDP
RESET
DEVICE
UNPROTECTED
ORDERING INFORMATION
Notes:
(1)
The device used in the above example is a CAT28C512NI-15T (PLCC, Industrial temperature, 150 ns Access Time, Tape & Reel).
(2)
28C513 is offered only in PLCC package.
28C512/513 F16
5096 FHD F14
Speed
12: 120ns
15: 150ns
Prefix
Device #
Suffix
28C512
Product
Number
28C512
28C513
CAT
Optional
Company
ID
NT
Tape & Reel
T: 500/Reel
Package
P: PDIP
N: PLCC
T14: TSOP (10mmx14mm)
T: TSOP (8mmX20mm)
-15
Temperature Range
Blank = Commercial (0˚C to +70˚C)
I = Industrial (-40˚C to +85˚C)
A = Automotive (-40˚ to +105˚C)*
* -40˚C to +125˚C is available upon request
I


유사한 부품 번호 - CAT28C513NI-15T

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT28C513 CATALYST-CAT28C513 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C513 CATALYST-CAT28C513 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C513 ONSEMI-CAT28C513 Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
CAT28C513G-12T ONSEMI-CAT28C513G-12T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
CAT28C513G-15T ONSEMI-CAT28C513G-15T Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
More results

유사한 설명 - CAT28C513NI-15T

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT28C512 ONSEMI-CAT28C512 Datasheet
94Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1007, Rev. I
logo
Catalyst Semiconductor
CAT28C512 CATALYST-CAT28C512_04 Datasheet
416Kb / 12P
   512K-Bit CMOS PARALLEL EEPROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
logo
ON Semiconductor
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
   CMOS 16K-bit PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com