전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT40105 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT40105
상세설명  High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT40105 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CD74HCT40105 Datasheet HTML 7Page - Texas Instruments CD74HCT40105 Datasheet HTML 8Page - Texas Instruments CD74HCT40105 Datasheet HTML 9Page - Texas Instruments CD74HCT40105 Datasheet HTML 10Page - Texas Instruments CD74HCT40105 Datasheet HTML 11Page - Texas Instruments CD74HCT40105 Datasheet HTML 12Page - Texas Instruments CD74HCT40105 Datasheet HTML 13Page - Texas Instruments CD74HCT40105 Datasheet HTML 14Page - Texas Instruments CD74HCT40105 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FIGURE 7. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 8. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 9. HC THREE-STATE PROPAGATION DELAY
WAVEFORM
FIGURE 10. HCT THREE-STATE PROPAGATION DELAY
WAVEFORM
NOTE:
Open drain waveforms tPLZ and tPZL are the same as those for three-state shown on the left. The test circuit is Output RL =1kΩ to
VCC, CL = 50pF.
FIGURE 11. HC AND HCT THREE-STATE PROPAGATION DELAY TEST CIRCUIT
Test Circuits and Waveforms (Continued)
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
50%
10%
90%
GND
VCC
10%
90%
50%
50%
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
0.3
2.7
GND
3V
10%
90%
1.3V
1.3V
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
tr
6ns
tPZH
tPHZ
tPZL
tPLZ
6ns
tf
1.3
IC WITH
THREE-
STATE
OUTPUT
OTHER
INPUTS
TIED HIGH
OR LOW
OUTPUT
DISABLE
VCC FOR tPLZ AND tPZL
GND FOR tPHZ AND tPZH
OUTPUT
RL = 1kΩ
CL
50pF
CD54HC40105, CD74HC40105, CD54HCT40105, CD74HCT40105


유사한 부품 번호 - CD74HCT40105

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT40105 TI-CD74HCT40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HCT40105 TI-CD74HCT40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HCT40105 TI-CD74HCT40105 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HCT40105E TI-CD74HCT40105E Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HCT40105E TI-CD74HCT40105E Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results

유사한 설명 - CD74HCT40105

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com