전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33998 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc

부품명 MC33998
상세설명  Switching Power Supply with Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33998 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33998_06 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33998_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Document Number: MC33998
Rev. 2.0, 8/2006
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as
may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Switching Power Supply with
Linear Regulators
The 33998 is a medium-power, multi-output power supply
integrated circuit that is capable of operating over a wide input
voltage range, from 6.0 V up to 26.5 V with 40 V transient capability.
It incorporates a sensorless current mode control step-down
switching controller regulating directly to 5.0 V. The 2.6 V linear
regulator uses an external pass transistor to reduce the 33998 power
dissipation. The 33998 also provides a 2.6 V linear standby regulator
and two 5.0 V sensor supply outputs protected by internal low-
resistance LDMOS transistors.
There are two separate enable pins for the main and sensor supply
outputs and standard supervisory functions such as resets with
power-up reset delay.
The 33998 provides proper power supply sequencing for
advanced microprocessor architectures such as the MPC5xx and
683xx microprocessor families.
Features
• Operating Voltage Range 6.0 V up to 26.5 V (40 V transient)
• Step-Down Switching Regulator Output VDDH = 5.0 V @
1400 mA (total)
• Linear Regulator with External Pass Transistor VDDL = 2.6 V @
400 mA
• Low-Power Standby Linear Regulator VKAM = 2.6 V @ 10 mA
•Two 5.0 V @ 200 mA (typical) Sensor Supplies VREF Protected
Against Short-to-Battery and Short-to-Ground with Retry Capability
• Undervoltage Shutdown on the VDDL, VDDH Outputs with Retry Capability
• Reset Signals
• Power-Up Delay
• Enable Pins for Main Supplies (EN) and Sensor Supplies (SNSEN)
• Power Sequencing for Advanced Microprocessor Architectures
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33998 Simplified Application Diagram
SWITCHING REGULATOR
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42344B
24-PIN SOICW
33998
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33998DW/R2
-40°C to 125°C
24 SOICW
MCZ33998EG/R2
5.0 V
33998
5.0 V
5.0 V
2.6 V
2.6 V
MCU
SNSEN
VREF1
VPWR
KA_VPWR
GND
EN
VSW
VDDH
DRVL
FBL
PWROK
VKAM
VKAMOK
VREF2
VDDH
VKAM
VDDL


유사한 부품 번호 - MC33998_06

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33998D FREESCALE-MC33998D Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998DW FREESCALE-MC33998DW Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998R2 FREESCALE-MC33998R2 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
More results

유사한 설명 - MC33998_06

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com