전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT02DGVR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT02DGVR
상세설명  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT02DGVR 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AHCT02DGVR Datasheet HTML 1Page - Texas Instruments SN74AHCT02DGVR Datasheet HTML 2Page - Texas Instruments SN74AHCT02DGVR Datasheet HTML 3Page - Texas Instruments SN74AHCT02DGVR Datasheet HTML 4Page - Texas Instruments SN74AHCT02DGVR Datasheet HTML 5Page - Texas Instruments SN74AHCT02DGVR Datasheet HTML 6Page - Texas Instruments SN74AHCT02DGVR Datasheet HTML 7Page - Texas Instruments SN74AHCT02DGVR Datasheet HTML 8Page - Texas Instruments SN74AHCT02DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SN54AHCT02, SN74AHCT02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCLS262L – DECEMBER 1995 – REVISED JULY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
SN54AHCT02
SN74AHCT02
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–8
–8
mA
IOL
Low-level output current
8
8
mA
∆t/∆v
Input transition rise or fall rate
20
20
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHCT02
SN74AHCT02
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
IOH = –50 mA
45 V
4.4
4.5
4.4
4.4
V
VOH
IOH = –8 mA
4.5 V
3.94
3.8
3.8
V
VOL
IOL = 50 mA
45 V
0.1
0.1
0.1
V
VOL
IOL = 8 mA
4.5 V
0.36
0.44
0.44
V
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
∆ICC†
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
1.35
1.5
1.5
mA
Ci
VI = VCC or GND
5 V
4
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
† This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT02
SN74AHCT02
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
CL =15 pF
2.4**
5.5**
1**
6.5**
1
6.5
ns
tPHL
A or B
Y
CL = 15 pF
3.5**
5.5**
1**
6.5**
1
6.5
ns
tPLH
AorB
Y
CL =50 pF
3.4
7.5
1
8.5
1
8.5
ns
tPHL
A or B
Y
CL = 50 pF
4.5
7.5
1
8.5
1
8.5
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.


유사한 부품 번호 - SN74AHCT02DGVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT02DGVR TI1-SN74AHCT02DGVR Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AHCT02DGVR TI-SN74AHCT02DGVR Datasheet
2Mb / 39P
[Old version datasheet]   SNx4AHCT02 Quadruple 2-Input Positive-NOR Gates
REVISED MAY 2023
More results

유사한 설명 - SN74AHCT02DGVR

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
74AC11002D TI-74AC11002D Datasheet
83Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com