전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N30MTB-V 데이터시트(PDF) 11 Page - Everlight Electronics Co., Ltd

부품명 4N30MTB-V
상세설명  6 PIN PHOTODARLINGTON PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N30MTB-V 데이터시트(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 4N30MTB-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N30MTB-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N30MTB-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N30MTB-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N30MTB-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd 4N30MTB-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd 4N30MTB-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd 4N30MTB-V Datasheet HTML 12Page - Everlight Electronics Co., Ltd 4N30MTB-V Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
11
http://www.everlight.com
Document No:PDS-ELSD-113 Rev. 0
April, 2 2008
TIL113
4NXX Series
H11BX Series
Tape & Reel Packing Specifications
Tape dimensions
Option TA
Option TB
Direction of feed from reel
Direction of feed from reel
Dimension No.
A
B
Do
D1
E
F
Dimension (mm)
10.4±0.1
7.52±0.1
1.5±0.1
1.5+0.1/-0
1.75±0.1
7.5±0.1
Dimension No.
Po
P1
P2
t
W
K
Dimension (mm)
4.0±0.15
16.0±0.1
2.0±0.1
0.35±0.03
16.0±0.2
4.5±0.1


유사한 부품 번호 - 4N30MTB-V

제조업체부품명데이터시트상세설명
logo
CT Micro International ...
4N30MT1 CTMICRO-4N30MT1 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N30MT1-G CTMICRO-4N30MT1-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N30MT2 CTMICRO-4N30MT2 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N30MT2-G CTMICRO-4N30MT2-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results

유사한 설명 - 4N30MTB-V

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL825 EVERLIGHT-EL825_13 Datasheet
708Kb / 12P
   8 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL815 EVERLIGHT-EL815_16 Datasheet
812Kb / 13P
   4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
4NXX EVERLIGHT-4NXX_09 Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
Everlight Electronics C...
EL852 EVERLIGHT-EL852_14 Datasheet
958Kb / 14P
   4 PIN DIP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
EL452-G EVERLIGHT-EL452-G_13 Datasheet
1Mb / 11P
   4 PIN SOP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com