전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJ320C40 데이터시트(PDF) 11 Page - Texas Instruments

부품명 SMJ320C40
상세설명  DIGITAL SIGNAL PROCESSORS
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SMJ320C40 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SMJ320C40_08 Datasheet HTML 7Page - Texas Instruments SMJ320C40_08 Datasheet HTML 8Page - Texas Instruments SMJ320C40_08 Datasheet HTML 9Page - Texas Instruments SMJ320C40_08 Datasheet HTML 10Page - Texas Instruments SMJ320C40_08 Datasheet HTML 11Page - Texas Instruments SMJ320C40_08 Datasheet HTML 12Page - Texas Instruments SMJ320C40_08 Datasheet HTML 13Page - Texas Instruments SMJ320C40_08 Datasheet HTML 14Page - Texas Instruments SMJ320C40_08 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H − OCTOBER 1993 − REVISED OCTOBER 2001
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
SMJ320C40 Signal Descriptions (Continued)
SIGNAL
DESCRIPTION
TYPE†
NAME
DESCRIPTION
TYPE†
NO. OF
PINS
LOCAL BUS EXTERNAL INTERFACE (80 PINS) (CONTINUED)
LPAGE1
1
O/Z
Page signal for LSTRB1 accesses
LRDY1
1
I
Ready signal for LSTRB1 accesses
LCE1
1
I
Control enable for the LSTRB1, LPAGE1, and LR/W1 signals
COMMUNICATION PORT 0 INTERFACE (12 PINS)
C0D7−C0D0
8
I/O
Communication port 0 data bus
CREQ0
1
I/O
Communication port 0 token-request signal
CACK0
1
I/O
Communication port 0 token-request-acknowledge signal
CSTRB0
1
I/O
Communication port 0 data-strobe signal
CRDY0
1
I/O
Communication port 0 data-ready signal
COMMUNICATION PORT 1 INTERFACE (12 PINS)
C1D7−C1D0
8
I/O
Communication port 1 data bus
CREQ1
1
I/O
Communication port 1 token-request signal
CACK1
1
I/O
Communication port 1 token-request-acknowledge signal
CSTRB1
1
I/O
Communication port 1 data-strobe signal
CRDY1
1
I/O
Communication port 1 data-ready signal
COMMUNICATION PORT 2 INTERFACE (12 PINS)
C2D7−C2D0
8
I/O
Communication port 2 data bus
CREQ2
1
I/O
Communication port 2 token-request signal
CACK2
1
I/O
Communication port 2 token-request-acknowledge signal
CSTRB2
1
I/O
Communication port 2 data-strobe signal
CRDY2
1
I/O
Communication port 2 data-ready signal
COMMUNICATION PORT 3 INTERFACE (12 PINS)
C3D7−C3D0
8
I/O
Communication port 3 data bus
CREQ3
1
I/O
Communication port 3 token-request signal
CACK3
1
I/O
Communication port 3 token-request-acknowledge signal
CSTRB3
1
I/O
Communication port 3 data-strobe signal
CRDY3
1
I/O
Communication port 3 data-ready signal
COMMUNICATION PORT 4 INTERFACE (12 PINS)
C4D7−C4D0
8
I/O
Communication port 4 data bus
CREQ4
1
I/O
Communication port 4 token-request signal
CACK4
1
I/O
Communication port 4 token-request-acknowledge signal
CSTRB4
1
I/O
Communication port 4 data-strobe signal
CRDY4
1
I/O
Communication port 4 data-ready signal
† I = input, O = output, Z = high impedance
‡ STRB0, STRB1 and associated signals (R/W1, R/W0, PAGE0, PAGE1, etc.) are effective over the address ranges defined by the
STRB ACTIVE bits.
§ HFH package has additional power and ground pins to reduce noise problems.
signal descriptions (continued)


유사한 부품 번호 - SMJ320C40_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C40GDL40C TI1-SMJ320C40GDL40C Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C40GDL40CT TI1-SMJ320C40GDL40CT Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C40GDL50C TI1-SMJ320C40GDL50C Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C40GDL50CT TI1-SMJ320C40GDL50CT Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C40GDM40C TI1-SMJ320C40GDM40C Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

유사한 설명 - SMJ320C40_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com