์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BZX15C5V1 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Semtech Corporation

๋ถ€ํ’ˆ๋ช… BZX15C5V1
์ƒ์„ธ๋‚ด์šฉ  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SEMTECH [Semtech Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.semtech.com
Logo 

BZX15C5V1 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Semtech Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
BZX1.5Cโ€ฆ
SILICON PLANAR ZENER DIODES
Absolute Maximum Ratings (Ta = 25 oC)
Symbol
Value
Unit
Power Dissipation
Ptot
1.5
1)
W
Junction Temperature
Tj
175
OC
Storage Temperature Range
TS
-65 to +175
OC
1) Valid provided that leads at a distance of 8mm from case are kept at ambient temperature.
Characteristics at Tj = 25
oC
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 200mA
VF
-
-
1.2
V
SEMTECH ELECTRONICS LTD. ( Wholly owned subsidiary of Honey Technology Ltd.)
ยฎ
Dated : 27/12/2002


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
BZX85CSILICON PLANAR ZENER DIODES 1 2 TRANSYS Electronics Limited
ZMM52210.5W SILICON PLANAR ZENER DIODES 1 2 3 Daesan Electronics Corp.
ZPD1_07Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
ZMM55C0.5W SILICON PLANAR ZENER DIODES 1 2 3 Daesan Electronics Corp.
2BZX84C3V0_07Surface mount Silicon Planar Dual Zener Diodes 1 2 Diotec Semiconductor
MM3Z2V4_07Surface mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
ZMM3B9Surface mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
1N5223BSILICON PLANAR ZENER DIODES 1 2 3 4 5 Continental Device India Limited
MMSZ5225B_07Surface mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
ZMM1_07Surface mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn