전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6382D5TR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 L6382D5TR
상세설명  Power management unit for microcontrolled ballast
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D5TR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button L6382D5TR Datasheet HTML 6Page - STMicroelectronics L6382D5TR Datasheet HTML 7Page - STMicroelectronics L6382D5TR Datasheet HTML 8Page - STMicroelectronics L6382D5TR Datasheet HTML 9Page - STMicroelectronics L6382D5TR Datasheet HTML 10Page - STMicroelectronics L6382D5TR Datasheet HTML 11Page - STMicroelectronics L6382D5TR Datasheet HTML 12Page - STMicroelectronics L6382D5TR Datasheet HTML 13Page - STMicroelectronics L6382D5TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
L6382D5
10/21
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
18
High output voltage I CSO = 200µA
VREF-
0.5V
18
Low output voltage I CSO = -150µA
0.5
V
DIM
Normal Mode Time
Out
65
100
135
µs
Vref enabling
drivers
4.6
V
TED
Time enabling
drivers
10
µs
Logic input
1 to 4
Low Level Logic
Input Voltage
1.3
V
1 to 4
High Level Logic
Input Voltage
3.7
V
LGI
Pull down resistor
100
K
1.
Specification over the -40°C to +125°C junction temperature range are ensured by design, characterization
and statistical correlation.
Table 4. Electrical characteristcs (TJ = 25°C, VCC = 13V, CDRIVER = 1nF
unless otherwise specified) (continued)


유사한 부품 번호 - L6382D5TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
More results

유사한 설명 - L6382D5TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
AN1971 STMICROELECTRONICS-AN1971 Datasheet
153Kb / 16P
   ST7LITE0xxx MICROCONTROLLED BALLAST
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Texas Instruments
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com