전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7606PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7606PBF
상세설명  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7606PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF7606PBF Datasheet HTML 1Page - International Rectifier IRF7606PBF Datasheet HTML 2Page - International Rectifier IRF7606PBF Datasheet HTML 3Page - International Rectifier IRF7606PBF Datasheet HTML 4Page - International Rectifier IRF7606PBF Datasheet HTML 5Page - International Rectifier IRF7606PBF Datasheet HTML 6Page - International Rectifier IRF7606PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRF7606PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Source-Drain Diode
Forward Voltage
1
10
100
0.1
1
10
DS
20µs PULSE WIDTH
T = 25°C
A
-V
, Drain-to-Source Voltage (V)
J
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V
1
10
100
0.1
1
10
DS
A
-V
, Drain-to-Source Voltage (V)
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V
20µs PULSE WIDTH
T = 150°C
J
1
10
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = 25°C
T = 150°C
J
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -10V
20µs PULSE WIDTH
DS
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 25°C
T = 150°C
J
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)


유사한 부품 번호 - IRF7606PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7606PBF IRF-IRF7606PBF Datasheet
189Kb / 7P
   Generation V Technology
IRF7606PBF IRF-IRF7606PBF_15 Datasheet
189Kb / 7P
   Generation V Technology
More results

유사한 설명 - IRF7606PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com