전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPB20N60S5 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 SPB20N60S5
상세설명  Cool MOS??Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB20N60S5 데이터시트(HTML) 5 Page - Infineon Technologies AG

  SPB20N60S5 Datasheet HTML 1Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 2Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 3Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 4Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 5Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 6Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 7Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 8Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
2001-07-25
SPP20N60S5
SPB20N60S5
Preliminary data
Typ. output characteristic
ID = f (VDS)
Parameter: VGS, Tj = 25 °C
0
5
10
15
20
V
30
VDS
0
5
10
15
20
25
30
35
40
45
50
55
60
A
75
10V
9V
8V
7V
20V
15V
12V
11V
Drain-source on-resistance
RDS(on) = f (Tj)
parameter : ID = 13 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
SPP20N60S5
typ
98%
Typ. capacitances
C = f (VDS)
parameter: VGS=0 V, f=1 MHz
0
10
20
30
40
50
60
70
80
V
100
VDS
0
10
1
10
2
10
3
10
4
10
5
10
Ciss
Coss
Crss
Typ. transfer characteristics
ID= f ( VGS )
VDS≥ 2 x ID x RDS(on)max
0
2
4
6
8
10
12
14
16
V
20
VGS
0
5
10
15
20
25
30
35
40
45
50
55
60
A
70


유사한 부품 번호 - SPB20N60S5

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPB20N60S5 INFINEON-SPB20N60S5 Datasheet
323Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPB20N60S5 INFINEON-SPB20N60S5 Datasheet
670Kb / 11P
   Cool MOS Power Transistor
Rev. 2.3 2005-07-22
logo
Inchange Semiconductor ...
SPB20N60S5 ISC-SPB20N60S5 Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPB20N60S5 INFINEON-SPB20N60S5_05 Datasheet
670Kb / 11P
   Cool MOS Power Transistor
Rev. 2.3 2005-07-22
More results

유사한 설명 - SPB20N60S5

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com