전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDH2R-433-4 데이터시트(PDF) 7 Page - Radiometrix Ltd

부품명 TDH2R-433-4
상세설명  UHF Multi Channel Hi Power Radio Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RADIOMETRIX [Radiometrix Ltd]
홈페이지  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TDH2R-433-4 데이터시트(HTML) 7 Page - Radiometrix Ltd

Back Button TDH2R-433-4 Datasheet HTML 3Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 4Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 5Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 6Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 7Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 8Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 9Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 10Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Radiometrix Ltd
TDH2 Data Sheet
page 7
Serial data should be in the following format:
1 start bit, 8 data bits, no parity, 1 or 2 stop bits
9600bps
0V=low, 5V=high
STATUS pin can be connected to one of the port pins which can generate an interrupt on low-to-high
transition (e.g. RB0/INT pin in the PIC). This can be used to enter a receive sub-routine to download
data received from remote TDH2. Therefore, the host does not need to wait in a loop for a packet.
Range test and site survey can be carried out by connecting an LED on the STATUS pin. Every time,
TDH2 is within range to receive valid data, the LED will flicker.
Interfacing RS232 port to TDH2
Figure 7: TDH2 interfaced to an RS232 port via an RS232 line driver/receiver
STATUS pin in this can be connected to CTS, DSR and DCD pin to simulate a flow control signal.
TDH2 is capable of continuously streaming data at 9600bps. Therefore, STATUS pin is not asserted to
stop the Host from sending data as in normal RTS/CTS flow control method, but merely to warn the
host that there is already data in the receive buffer which need to be downloaded before sending any
more data.
Some DTE hosts assert DTR signal when they are active and this can be used via RS232 line receiver to
enable TDH2. Otherwise the ENABLE must be physically pulled-low to activate the TDH2.
NOTE:
An interface board (with MAX232 type buffer, 9 way D connector, 5V voltage regulator and SMA RF
connector) is available. This board is 61mm x 33mm in size.


유사한 부품 번호 - TDH2R-433-4

제조업체부품명데이터시트상세설명
logo
Radiometrix Ltd
TDH2R-433-4 RADIOMETRIX-TDH2R-433-4 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results

유사한 설명 - TDH2R-433-4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
TDH2 RADIOMETRIX-TDH2 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
   UHF NBFM multi channel RS232 radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com