전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7807VD2PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7807VD2PBF
상세설명  FETKY MOSFET / SCHOTTKY DIODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7807VD2PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7807VD2PBF Datasheet HTML 1Page - International Rectifier IRF7807VD2PBF Datasheet HTML 2Page - International Rectifier IRF7807VD2PBF Datasheet HTML 3Page - International Rectifier IRF7807VD2PBF Datasheet HTML 4Page - International Rectifier IRF7807VD2PBF Datasheet HTML 5Page - International Rectifier IRF7807VD2PBF Datasheet HTML 6Page - International Rectifier IRF7807VD2PBF Datasheet HTML 7Page - International Rectifier IRF7807VD2PBF Datasheet HTML 8Page - International Rectifier IRF7807VD2PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
Maximum Junction-to-Ambient
ƒ
R
θJA
50
°C/W
Maximum Junction-to-Lead
R
θJL
20
°C/W
Thermal Resistance
IRF7807VD2PbF
10/08/04
IRF7807VD2
R
DS(on)
17m
Q
G
9.5nC
Q
sw
3.4nC
Q
oss
12nC
DEVICE CHARACTERISTICS
…
SO-8
FETKY
™ MOSFET / SCHOTTKY DIODE
Top View
8
1
2
3
4
5
6
7
A/S
A/S
A/S
G
K/D
K/D
D
K/D
K/D
• Co-Pack N-channel HEXFET® Power MOSFET
and Schottky Diode
• Ideal for Synchronous Rectifiers in DC-DC
Converters Up to 5A Output
• Low Conduction Losses
• Low Switching Losses
• Low Vf Schottky Rectifier
• Lead-Free
Description
The FETKYfamily of Co-Pack HEXFET®MOSFETs and
Schottky diodes offers the designer an innovative, board
space saving solution for switching regulator and power
management applications. HEXFET power MOSFETs
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. Combining
this technology with International Rectifier’s low forward
drop Schottky rectifiers results in an extremely efficient
device suitable for use in a wide variety of portable
electronics applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics. The SO-
8 package is designed for vapor phase, infrared or wave
soldering techniques.
Parameter
Symbol
Max.
Units
Drain-Source Voltage
V
DS
30
Gate-Source Voltage
V
GS
±20
Continuous Drain or Source
25°C
I
D
8.3
Current (V
GS ≥ 4.5V)
70°C
6.6
A
Pulsed Drain Current

I
DM
66
Power Dissipation
ƒ
25°C
P
D
2.5
70°C
1.6
Schottky and Body Diode
25°C
I
F (AV)
3.7
A
Average ForwardCurrent
„
70°C
2.3
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Absolute Maximum Ratings
V
W
www.irf.com
1
PD-95291


유사한 부품 번호 - IRF7807VD2PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7807VD2PbF IRF-IRF7807VD2PbF Datasheet
143Kb / 9P
   Co-Pack N-channel HEXFET짰 Power MOSFET and Schottky Diode
More results

유사한 설명 - IRF7807VD2PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D1PBF IRF-IRF7807D1PBF Datasheet
168Kb / 8P
   FETKY MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com