전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF153R 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 IRF153R
상세설명  AVALANCHE ENERGY RATED N-CHANNEL POWER MOSFETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

IRF153R 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  IRF153R Datasheet HTML 1Page - List of Unclassifed Manufacturers IRF153R Datasheet HTML 2Page - List of Unclassifed Manufacturers IRF153R Datasheet HTML 3Page - List of Unclassifed Manufacturers IRF153R Datasheet HTML 4Page - List of Unclassifed Manufacturers IRF153R Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


유사한 부품 번호 - IRF153R

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
IRF153 SAMSUNG-IRF153 Datasheet
210Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF153 FAIRCHILD-IRF153 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
IXYS Corporation
IRF153 IXYS-IRF153 Datasheet
44Kb / 1P
   HIGH VOLTAGE POWER MOSFET DIE
logo
Inchange Semiconductor ...
IRF153 ISC-IRF153 Datasheet
48Kb / 2P
   High Power,High Speed Applications
More results

유사한 설명 - IRF153R

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
IRF440R NJSEMI-IRF440R Datasheet
703Kb / 2P
   Avalanche Energy Rated N-Channel Power MOSFETs
IRF254 NJSEMI-IRF254 Datasheet
182Kb / 2P
   Avalanche-Energy-Rated N-Channel Power MOSFETs
logo
Harris Corporation
IRF530R HARRIS-IRF530R Datasheet
390Kb / 5P
   N-Channel Power MOSFETs Avalanche Energy Rated
logo
New Jersey Semi-Conduct...
IRFP360 NJSEMI-IRFP360 Datasheet
640Kb / 2P
   Avalanche-Energy-Rated N-Channel Power MOSFETs
IRF240R NJSEMI-IRF240R Datasheet
168Kb / 2P
   Avalanche Energy Rated N-Channel Power MOSFETs
IRF9230 NJSEMI-IRF9230 Datasheet
115Kb / 2P
   Avalanche-Energy-Rated P-Channel Power MOSFETs
IRFP9240R NJSEMI-IRFP9240R Datasheet
178Kb / 2P
   Avalanche-Energy-Rated P-Channel Power MOSFETs
IRFF9130 NJSEMI-IRFF9130 Datasheet
687Kb / 2P
   Avalanche-Energy-Rated P-Channel Power MOSFETs
logo
Micross Components
FFH50US60S MICROSS-FFH50US60S Datasheet
711Kb / 3P
   Avalanche Energy Rated
FFH75H60S MICROSS-FFH75H60S Datasheet
700Kb / 3P
   Avalanche Energy Rated
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com