전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93-21UBC 데이터시트(PDF) 4 Page - Everlight Electronics Co., Ltd

부품명 93-21UBC
상세설명  High Performance SMD LED with Reflector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-21UBC 데이터시트(HTML) 4 Page - Everlight Electronics Co., Ltd

  93-21UBC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 93-21UBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-21UBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-21UBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-21UBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-21UBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-21UBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-21UBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-21UBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
verlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.1
Page: 4 of 10
Device No. : DSE-931-049
prepared date: 08-02-2004
Prepared by: Bennett
93-21UBC/C430/TR8
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous intensity
Iv
18
35
-----
mcd
If=20mA
Viewing Angle
2θ1/2
-----
130
-----
deg
If=20mA
Peak Wavelength
λp
-----
428
-----
nm
If=20mA
Dominant
Wavelength
λd
-----
466
-----
nm
If=20mA
Spectrum Radiation
Bandwidth
△λ
-----
65
-----
nm
If=20mA
Forward Voltage
VF
-----
3.8
4.5
V
If=20mA
Reverse Current
IR
-----
-----
50
μA
VR =5V


유사한 부품 번호 - 93-21UBC

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
93-21UTC EVERLIGHT-93-21UTC Datasheet
221Kb / 10P
   High Performance SMD White LED with Reflector
93-21UYC EVERLIGHT-93-21UYC Datasheet
139Kb / 9P
   High Performance SMD LED with Reflector
93-21UYC/S530-XX/TR8 EVERLIGHT-93-21UYC/S530-XX/TR8 Datasheet
139Kb / 9P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
93-21UYOC/S530-XX/TR8 EVERLIGHT-93-21UYOC/S530-XX/TR8 Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
More results

유사한 설명 - 93-21UBC

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com