전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT283M 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT283M
상세설명  High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT283M 데이터시트(HTML) 5 Page - Texas Instruments

  CD74HCT283M Datasheet HTML 1Page - Texas Instruments CD74HCT283M Datasheet HTML 2Page - Texas Instruments CD74HCT283M Datasheet HTML 3Page - Texas Instruments CD74HCT283M Datasheet HTML 4Page - Texas Instruments CD74HCT283M Datasheet HTML 5Page - Texas Instruments CD74HCT283M Datasheet HTML 6Page - Texas Instruments CD74HCT283M Datasheet HTML 7Page - Texas Instruments CD74HCT283M Datasheet HTML 8Page - Texas Instruments CD74HCT283M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation
Capacitance, (Notes 3, 4)
CPD
-5
-
82
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per package.
4. PD = VCC
2 f
i (CPD + CL) where: fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC283, CD74HC283, CD54HCT283, CD74HCT283


유사한 부품 번호 - CD74HCT283M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT283M TI-CD74HCT283M Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283M TI-CD74HCT283M Datasheet
265Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283M TI-CD74HCT283M Datasheet
410Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283M TI1-CD74HCT283M Datasheet
457Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283M96 TI-CD74HCT283M96 Datasheet
265Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
More results

유사한 설명 - CD74HCT283M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC283 TI-CD54HC283_07 Datasheet
410Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI1-CD54HC283_14 Datasheet
457Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283 Datasheet
265Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HC283 TI-CD74HC283 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com