전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N135-X007 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 6N135-X007
상세설명  High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N135-X007 데이터시트(HTML) 1 Page - Vishay Siliconix

  6N135-X007 Datasheet HTML 1Page - Vishay Siliconix 6N135-X007 Datasheet HTML 2Page - Vishay Siliconix 6N135-X007 Datasheet HTML 3Page - Vishay Siliconix 6N135-X007 Datasheet HTML 4Page - Vishay Siliconix 6N135-X007 Datasheet HTML 5Page - Vishay Siliconix 6N135-X007 Datasheet HTML 6Page - Vishay Siliconix 6N135-X007 Datasheet HTML 7Page - Vishay Siliconix 6N135-X007 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83604
168
Rev. 1.5, 07-May-08
6N135/6N136
Vishay Semiconductors
DESCRIPTION
The 6N135 and 6N136 are optocouplers with a GaAIAs
infrared emitting diode, optically coupled with an integrated
photo detector which consists of a photo diode and a
high-speed transistor in a DIP-8 plastic package.
Signals can be transmitted between two electrically
separated circuits up to frequencies of 2.0 MHz. The
potential difference between the circuits to be coupled
should not exceed the maximum permissible reference
voltages.
FEATURES
• Isolation test voltages: 5300 VRMS
• TTL compatible
• High bit rates: 1.0 Mbit/s
• High common-mode interference immunity
• Bandwidth 2.0 MHz
• Open-collector output
• External base wiring possible
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 available with option 1
• CSA 93751
Note
For additional information on the available options refer to option information.
i179081
1
2
3
4
8
7
6
5
C(VCC)
NC
A
C
NC
B(VB)
C(VO)
E(GND)
ORDER INFORMATION
PART
REMARKS
6N135
CTR
≥ 7 %, DIP-8
6N136
CTR
≥ 19 %, DIP-8
6N135-X007
CTR
≥ 7 %, SMD-8 (option 7)
6N136-X006
CTR
≥ 19 %, DIP-8 400 mil (option 6)
6N136-X007
CTR
≥ 19 %, SMD-8 (option 7)
6N136-X009
CTR
≥ 19 %, SMD-8 (option 9)
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
5.0
V
Forward current
IF
25
mA
Peak forward current
t = 1.0 ms, duty cycle 50 %
IFSM
50
mA
Maximum surge forward current
t
≤ 1.0 µs, 300 pulses/s
1.0
A
Thermal resistance
Rth
700
K/W
Power dissipation
Tamb = 70 °C
Pdiss
45
mW
OUTPUT
Supply voltage
VS
- 0.5 to 15
V
Output voltage
VO
- 0.5 to 15
V
Emitter base voltage
VEBO
5.0
V
Output current
IO
8.0
mA
Maximum Output current
16
mA
Base current
IB
5.0
mA
Thermal resistance
300
K/W
Power dissipation
Tamb = 70 °C
Pdiss
100
mW


유사한 부품 번호 - 6N135-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N135-X007T VISHAY-6N135-X007T Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
6N135-X007T VISHAY-6N135-X007T Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
More results

유사한 설명 - 6N135-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
SFH6326-X007T VISHAY-SFH6326-X007T Datasheet
174Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.7, 06-Jul-11
SFH6326 VISHAY-SFH6326_V01 Datasheet
185Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com