전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL16C451FNG4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TL16C451FNG4
상세설명  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FNG4 데이터시트(HTML) 5 Page - Texas Instruments

  TL16C451FNG4 Datasheet HTML 1Page - Texas Instruments TL16C451FNG4 Datasheet HTML 2Page - Texas Instruments TL16C451FNG4 Datasheet HTML 3Page - Texas Instruments TL16C451FNG4 Datasheet HTML 4Page - Texas Instruments TL16C451FNG4 Datasheet HTML 5Page - Texas Instruments TL16C451FNG4 Datasheet HTML 6Page - Texas Instruments TL16C451FNG4 Datasheet HTML 7Page - Texas Instruments TL16C451FNG4 Datasheet HTML 8Page - Texas Instruments TL16C451FNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME†
NO.
I/O
DESCRIPTION
A0
A1
A2
35
34
33
I
Register select. A0, A1, and A2 are used during read and write operations to select the register to read
from or write to. Refer to Table 1 for register addresses, also refer to the chip select signals (CS0, CS1,
CS2).
ACK
68
I
Printer acknowledge. ACK goes low to indicate that a successful data transfer has taken place. It
generates a printer port interrupt during its positive transition.
AFD
56
I/O
Printer autofeed. AFD is an open-drain line that provides the printer with a low signal when
continuous-form paper is to be autofed to the printer. An internal pullup is provided.
BDO
44
O
Bus buffer output. BDO is active (high) when the CPU is reading data. When active, this output can
disable an external transceiver.
BUSY
66
I
Printer busy. BUSY is an input line from the printer that goes high when the printer is not ready to accept
data.
CLK
4
I/O
External clock. CLK connects the ACE to the main timing reference.
CS0
CS1 [VCC]
CS2
32
3
38
I
Chip selects. Each chip select enables read and write operations to its respective channel. CS0 and
CS1 select serial channels 0 and 1, respectively, and CS2 selects the parallel port.
CTS0
CTS1 [GND]
28
13
I
Clear to send. CTSx is an active-low modem status signal. Its state can be checked by reading bit 4
(CTS) of the modem status register. Bit 0 (DCTS) of the modem status register indicates that this signal
has changed states since the last read from the modem status register. If the modem status interrupt
is enabled when CTSx changes state, an interrupt is generated.
DB0 – DB7
14 – 21
I/O
Data bus. Eight 3-state data lines provide a bidirectional path for data, control, and status information
between the TL16C451/TL16C452 and the CPU. DB0 is the least significant bit (LSB).
DSR0
DSR1 [GND]
31
5
I
Data set ready. DSRx is an active-low modem status signal. Its state can be checked by reading
bit 5 (DSR) of the modem status register. Bit 1 (DDSR) of the modem status register indicates that this
signal has changed states since the last read from the modem status register. If the modem status
interrupt is enabled when the DSRx changes state, an interrupt is generated.
DTR0
DTR1 [NC]
25
11
O
Data terminal ready. DTRx, when active (low), informs a modem or data set that the ACE is ready to
establish communication. DTRx is placed in the active state by setting the DTR bit of the modem control
register. DTRx is placed in the inactive state either as a result of a reset or during loop mode operation
or clearing bit 0 (DTR) of the modem control register.
ERROR
63
I
Printer error. ERROR is an input line from the printer. The printer reports an error by holding this line
low during the error condition.
INIT
57
I/O
Printer initialize. INIT is an open-drain line that provides the printer with a signal that allows the printer
initialization routine to be started. An internal pullup is provided.
INT0
INT1 [NC]
45
60
O
Interrupt. INTx is an active-high 3-state output that is enabled by bit 3 of the MCR. When active, INTx
informs the CPU that the ACE has an interrupt to be serviced. Four conditions that cause an interrupt
to be issued are: a receiver error, received data is available, the transmitter holding register is empty,
and an enabled modem status interrupt. The INTx output is reset (low) either when the interrupt is
serviced or as a result of a reset.
INT2
59
O
Printer port interrupt. INT2 is an active-high 3-state output generated by the positive transition of ACK.
It is enabled by bit 4 of the write control register.
IOR
37
I
Data read strobe. When IOR input is active (low) while the ACE is selected, the CPU is allowed to read
status information or data from a selected ACE register.
IOW
36
I
Data write strobe. When IOW input is active (low) while the ACE is selected, the CPU is allowed to write
control words or data into a selected ACE register.
LPTOE
1
I
Parallel data output enable. When low, LPTOE enables the write data register to the PD0 – PD7 lines.
A high puts the PD0 – PD7 lines in the high-impedance state allowing them to be used as inputs. LPTOE
is usually tied low for printer operation.
† Names shown in brackets are for the TL16C451.


유사한 부품 번호 - TL16C451FNG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C451FN TI-TL16C451FN Datasheet
309Kb / 23P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451FN TI-TL16C451FN Datasheet
323Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451FNR TI-TL16C451FNR Datasheet
323Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
More results

유사한 설명 - TL16C451FNG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C451 TI-TL16C451 Datasheet
309Kb / 23P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451 TI-TL16C451_06 Datasheet
323Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com