전자부품 데이터시트 검색엔진 |
|
TL431ACLPM 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
TL431ACLPM 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 67 page PREVIEW PREVIEW TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Vref TOLERANCE (25°C) = 0.5% TL431B, TL432B ORDERING INFORMATION (CONTINUED) TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ SOIC (D) Tube of 75 TL431BQD T431BQ SOIC (D) Reel of 2500 TL431BQDR T431BQ Reel of 3000 TL431BQDBVR T3H_ SOT-23-5 (DBV) Reel of 250 TL431BQDBVT T3H_ SOT-23-5 (DBV) Reel of 3000 TL432BQDBVR T4H_ Reel of 250 TL432BQDBVT T4H_ Reel of 3000 TL431BQDBZR T3H_ SOT-23-3 (DBZ) Reel of 250 TL431BQDBZT T3H_ SOT-23-3 (DBZ) Reel of 3000 TL432BQDBZR T4H_ −40 °C to 125°C Reel of 250 TL432BQDBZT T4H_ −40 C to 125 C SOT-89 (PK) Reel of 1000 TL431BQPK 3H SOT-89 (PK) Reel of 1000 TL432BQPK 2J Bulk of 1000, straight lead TL431BQLP TO-226/TO-92 (LP) Ammo of 2000, formed lead TL431BQLPM T431BQ Reel of 2000, formed lead TL431BQLPR SC-70 (DCK) Reel of 1000 TL431BQDCKR T8_ SC-70 (DCK) Reel of 250 TL431BQDCKT T8_ † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. |
유사한 부품 번호 - TL431ACLPM |
|
유사한 설명 - TL431ACLPM |