전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6120A2 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPA6120A2
상세설명  HIGH FIDELITY HEADPHONE AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6120A2 데이터시트(HTML) 3 Page - Texas Instruments

  TPA6120A2_08 Datasheet HTML 1Page - Texas Instruments TPA6120A2_08 Datasheet HTML 2Page - Texas Instruments TPA6120A2_08 Datasheet HTML 3Page - Texas Instruments TPA6120A2_08 Datasheet HTML 4Page - Texas Instruments TPA6120A2_08 Datasheet HTML 5Page - Texas Instruments TPA6120A2_08 Datasheet HTML 6Page - Texas Instruments TPA6120A2_08 Datasheet HTML 7Page - Texas Instruments TPA6120A2_08 Datasheet HTML 8Page - Texas Instruments TPA6120A2_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPA6120A2
SLOS431 – MARCH 2004
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VIO|
Input offset voltage (measured differentially)
VCC = ±5 V or ±15 V
2
5
mV
PSRR
Power supply rejection ratio
VCC = 2.5 V to 5.5 V
75
dB
VCC = ±5 V
±3.6
±3.7
VIC
Common mode input voltage
V
VCC = ±15 V
±13.4
±13.5
VCC = ±5 V
11.5
13
ICC
Supply current (each channel)
mA
VCC= ±15 V
15
IO
Output current (per channel)
VCC= ±5 V to ±15 V
700
mA
Input offset voltage drift
VCC = ±5 V or ±15 V
20
µV/
°C
ri
Input resistance
300
k
ro
Output resistance
Open Loop
13
11.8 to
12.5 to
VO
Output voltage swing
VCC = ±15 V, RL = 25 Ω
V
-11.5
-12.2
3


유사한 부품 번호 - TPA6120A2_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
More results

유사한 설명 - TPA6120A2_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com