전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AS158NSRE4 데이터시트(PDF) 3 Page - Tachyonics CO,. LTD

부품명 SN74AS158NSRE4
상세설명  QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TACHYONICS [Tachyonics CO,. LTD]
홈페이지  
Logo TACHYONICS - Tachyonics CO,. LTD

SN74AS158NSRE4 데이터시트(HTML) 3 Page - Tachyonics CO,. LTD

  SN74AS158NSRE4 Datasheet HTML 1Page - Tachyonics CO,. LTD SN74AS158NSRE4 Datasheet HTML 2Page - Tachyonics CO,. LTD SN74AS158NSRE4 Datasheet HTML 3Page - Tachyonics CO,. LTD SN74AS158NSRE4 Datasheet HTML 4Page - Tachyonics CO,. LTD SN74AS158NSRE4 Datasheet HTML 5Page - Tachyonics CO,. LTD SN74AS158NSRE4 Datasheet HTML 6Page - Tachyonics CO,. LTD SN74AS158NSRE4 Datasheet HTML 7Page - Tachyonics CO,. LTD SN74AS158NSRE4 Datasheet HTML 8Page - Tachyonics CO,. LTD SN74AS158NSRE4 Datasheet HTML 9Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN54ALS157A, SN54ALS158
SN74ALS157A, SN74ALS158, SN74AS157, SN74AS158
QUAD 1OF2 DATA SELECTORS/MULTIPLEXERS
SDAS081C − APRIL 1982 − REVISED DECEMBER 1994
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic diagrams (positive logic)
4Y
3Y
2Y
1Y
12
9
7
4
A /B
G
4B
4A
3B
3A
2B
2A
1B
1A
1
15
13
14
10
11
6
5
3
2
4Y
3Y
2Y
1Y
12
9
7
4
A /B
G
4B
4A
3B
3A
2B
2A
1B
1A
1
15
13
14
10
11
6
5
3
2
′ALS157A
′ALS158
4Y
3Y
2Y
1Y
12
9
7
4
A /B
G
4B
4A
3B
3A
2B
2A
1B
1A
1
15
13
14
10
11
6
5
3
2
SN74AS157
SN74AS158
4Y
3Y
2Y
1Y
12
9
7
4
A /B
G
4B
4A
3B
3A
2B
2A
1B
1A
1
15
13
14
10
11
6
5
3
2
Pin numbers shown are for the D, J, and N packages.


유사한 부품 번호 - SN74AS158NSRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AS158NSRE4 TI-SN74AS158NSRE4 Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
More results

유사한 설명 - SN74AS158NSRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com