전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7565 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC7565
상세설명  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC7565 데이터시트(HTML) 5 Page - Texas Instruments

  DAC7565 Datasheet HTML 1Page - Texas Instruments DAC7565 Datasheet HTML 2Page - Texas Instruments DAC7565 Datasheet HTML 3Page - Texas Instruments DAC7565 Datasheet HTML 4Page - Texas Instruments DAC7565 Datasheet HTML 5Page - Texas Instruments DAC7565 Datasheet HTML 6Page - Texas Instruments DAC7565 Datasheet HTML 7Page - Texas Instruments DAC7565 Datasheet HTML 8Page - Texas Instruments DAC7565 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
PIN CONFIGURATIONS
DAC7565
V
A
OUT
V
B
OUT
V
H/V
OUT
REF
REF
AV
DD
LDAC
ENABLE
RSTSEL
RST
1
2
3
4
16
15
14
13
V
L
REF
GND
V
OUTC
5
6
7
V
OUTD
8
IOV
DD
D
IN
12
11
10 SCLK
SYNC
9
DAC7565
www.ti.com ............................................................................................................................................... SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008
PW PACKAGE
TSSOP-16
(Top View)
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
VOUTA
Analog output voltage from DAC A
2
VOUTB
Analog output voltage from DAC B
VREFH/
3
Positive reference input / reference output 2.5V if internal reference used.
VREFOUT
4
AVDD
Power-supply input, 2.7V to 5.5V
5
VREFL
Negative reference input
6
GND
Ground reference point for all circuitry on the part
7
VOUTC
Analog output voltage from DAC C
8
VOUTD
Analog output voltage from DAC D
Level-triggered control input (active low). This input is the frame synchronization signal for the input data. When SYNC
goes low, it enables the input shift register, and data are sampled on subsequent falling clock edges. The DAC output
9
SYNC
updates following the 24th clock. If SYNC is taken high before the 24th clock edge, the rising edge of SYNC acts as
an interrupt, and the write sequence is ignored by the DAC7565. Schmitt-Trigger logic input.
10
SCLK
Serial clock input. Data can be transferred at rates up to 50MHz. Schmitt-Trigger logic input.
Serial data input. Data are clocked into the 24-bit input shift register on each falling edge of the serial clock input.
11
DIN
Schmitt-Trigger logic input.
12
IOVDD
Digital input-output power supply
Asynchronous reset. Active low. If RST is low, all DAC channels reset either to zero-scale (RSTSEL = 0) or to
13
RST
mid-scale (RSTSEL = 1)
14
RSTSEL
Reset select. If RSTSEL is low, input coding is binary; if high = two's complement.
15
ENABLE
The enable pin (active low) connects the SPI interface to the serial port
16
LDAC
Load DACs; rising edge triggered, loads all DAC registers
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC7565


유사한 부품 번호 - DAC7565

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7565 TI1-DAC7565 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC7565 TI1-DAC7565 Datasheet
750Kb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results

유사한 설명 - DAC7565

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com