전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTS16212DGGR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBTS16212DGGR
상세설명  24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTS16212DGGR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74CBTS16212DGGR Datasheet HTML 4Page - Texas Instruments SN74CBTS16212DGGR Datasheet HTML 5Page - Texas Instruments SN74CBTS16212DGGR Datasheet HTML 6Page - Texas Instruments SN74CBTS16212DGGR Datasheet HTML 7Page - Texas Instruments SN74CBTS16212DGGR Datasheet HTML 8Page - Texas Instruments SN74CBTS16212DGGR Datasheet HTML 9Page - Texas Instruments SN74CBTS16212DGGR Datasheet HTML 10Page - Texas Instruments SN74CBTS16212DGGR Datasheet HTML 11Page - Texas Instruments SN74CBTS16212DGGR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


유사한 부품 번호 - SN74CBTS16212DGGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTS16212DGG TI-SN74CBTS16212DGG Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
More results

유사한 설명 - SN74CBTS16212DGGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
logo
Renesas Technology Corp
HD74CBTS16212A RENESAS-HD74CBTS16212A Datasheet
237Kb / 13P
   24-bit FET Bus-Exchange Switches with Schottky diode clamping
logo
Texas Instruments
SN74CBTS16211 TI-SN74CBTS16211 Datasheet
76Kb / 5P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16211 TI1-SN74CBTS16211_08 Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTS3384 TI1-SN74CBTS3384_15 Datasheet
904Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384 TI-SN74CBTS3384 Datasheet
66Kb / 5P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com