전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3G-2415S-NZ 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM3G-2415S-NZ
상세설명  3 Watt, DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3G-2415S-NZ 데이터시트(HTML) 1 Page - AIMTEC

  AM3G-2415S-NZ Datasheet HTML 1Page - AIMTEC AM3G-2415S-NZ Datasheet HTML 2Page - AIMTEC AM3G-2415S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM3G-NZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R2.A
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
AM3G-1205S-NZ
9-18
5
600
1500
2200
78
AM3G-1209S-NZ
9-18
9
333
1500
1000
79
AM3G-1212S-NZ
9-18
12
250
1500
820
80
AM3G-1215S-NZ
9-18
15
200
1500
680
80
AM3G-2405S-NZ
18-36
5
600
1500
2200
78
AM3G-2409S-NZ
18-36
9
333
1500
1000
79
AM3G-2412S-NZ
18-36
12
250
1500
820
80
AM3G-2415S-NZ
18-36
15
200
1500
680
81
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
(%)
AM3G-1205D-NZ
9-18
±5
±300
1500
±560
78
AM3G-1209D-NZ
9-18
±9
±167
1500
±470
79
AM3G-1212D-NZ
9-18
±12
±125
1500
±330
80
AM3G-1215D-NZ
9-18
±15
±100
1500
±220
80
AM3G-2405D-NZ
18-36
±5
±300
1500
±560
78
AM3G-2409D-NZ
18-36
±9
±167
1500
±470
79
AM3G-2412D-NZ
18-36
±12
±125
1500
±330
80
AM3G-2415D-NZ
18-36
±15
±100
1500
±220
81
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
24
9-18
18-36
VDC
Filter
Capacitor
Maximum Rating
12 Vin
24 Vin
22
40
VDC
Peak Input Voltage time
100
ms
On/Off Control
ON – low or open; OFF - high
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested voltage
60 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
100kHz, 1V
80
pF
• RoHS compliant
• Operating temperature -40oC to + 85oC
• Very low No load consumption
• Continuous Short circuit protection
• Remote On/Off Control
• Wide 2:1 input range
• 8 pin SIP package
• High efficiency up to 81%


유사한 부품 번호 - AM3G-2415S-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM3G-2415S-NZ AIMTEC-AM3G-2415S-NZ Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3G-2415S-NZ AIMTEC-AM3G-2415S-NZ Datasheet
205Kb / 5P
   1500 and 3000VDC I/O Isolation
More results

유사한 설명 - AM3G-2415S-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com