전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC03-12YWA 데이터시트(PDF) 1 Page - Kingbright Corporation

부품명 SC03-12YWA
상세설명  7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC03-12YWA 데이터시트(HTML) 1 Page - Kingbright Corporation

  SC03-12YWA Datasheet HTML 1Page - Kingbright Corporation SC03-12YWA Datasheet HTML 2Page - Kingbright Corporation SC03-12YWA Datasheet HTML 3Page - Kingbright Corporation SC03-12YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2245
REV NO: V.9
DATE: MAY/15/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000704
7.62mm (0.3INCH) SINGLE DIGIT
NUMERIC DISPLAY
Part Number: SC03-12YWA
Yellow
Features
0.3 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE,WHITE SEGMENT.
RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


유사한 부품 번호 - SC03-12YWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SC03-12YWA KINGBRIGHT-SC03-12YWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

유사한 설명 - SC03-12YWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SA03-11GWA KINGBRIGHT-SA03-11GWA Datasheet
184Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC03-12SRWA KINGBRIGHT-SC03-12SRWA Datasheet
183Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-12GWA KINGBRIGHT-SA03-12GWA Datasheet
155Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC03-11PBWA-A KINGBRIGHT-SC03-11PBWA-A Datasheet
206Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC03-12GWA KINGBRIGHT-SC03-12GWA Datasheet
185Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11SRWA KINGBRIGHT-SA03-11SRWA Datasheet
182Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC03-12EWA KINGBRIGHT-SC03-12EWA Datasheet
186Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11EWA KINGBRIGHT-SA03-11EWA_07 Datasheet
185Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11PBWA-A KINGBRIGHT-SA03-11PBWA-A Datasheet
206Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11YWA KINGBRIGHT-SA03-11YWA Datasheet
185Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com