전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SA56-21GWA 데이터시트(HTML) 2 Page - Kingbright Corporation

부품명 SA56-21GWA
상세내용  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo 

SA56-21GWA 데이터시트(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 2 / 4 page
background image
SPEC NO: DSAB2011
REV NO: V.14
DATE: MAY/15/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000589
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
SA56-21GWA
Green (GaP)
WHITE DIFFUSED
1900
10500
Common Anode, Rt.
Hand Decimal
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR=5V
Parameter
Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Html Pages

1  2  3  4 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn