전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74BCT25244NT 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74BCT25244NT
상세설명  25-W OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT25244NT 데이터시트(HTML) 3 Page - Texas Instruments

  SN74BCT25244NT Datasheet HTML 1Page - Texas Instruments SN74BCT25244NT Datasheet HTML 2Page - Texas Instruments SN74BCT25244NT Datasheet HTML 3Page - Texas Instruments SN74BCT25244NT Datasheet HTML 4Page - Texas Instruments SN74BCT25244NT Datasheet HTML 5Page - Texas Instruments SN74BCT25244NT Datasheet HTML 6Page - Texas Instruments SN74BCT25244NT Datasheet HTML 7Page - Texas Instruments SN74BCT25244NT Datasheet HTML 8Page - Texas Instruments SN74BCT25244NT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN54BCT25244, SN74BCT25244
25-
Ω OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS064A – JUNE 1990 – REVISED NOVEMBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 2)
SN54BCT25244
SN74BCT25244
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High-level output current
–53
–80
mA
IOL
Low-level output current
125
188
mA
TA
Operating free-air temperature
–55
125
0
70
°C
NOTE 2: Unused or floating inputs must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT25244
SN74BCT25244
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.75 V,
IOH = – 3 mA
2.7
VOH
VCC =4 5V
IOH = – 53 mA
2
V
VCC = 4.5 V
IOH = – 80 mA
2
IOL = 94 mA
0.38
0.55
0.42
0.55
VOL
VCC = 4.5 V
IOL = 125 mA
0.8
V
IOL = 188 mA
0.7
II
VCC = 5.5 V,
VI = 5.5 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
– 0.6
mA
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–50
–50
µA
ICCL
VCC = 5.5 V,
Outputs open
90
119
90
119
mA
ICCH
VCC = 5.5 V,
Outputs open
59
78
59
78
mA
ICCZ
VCC = 5.5 V,
Outputs open
7
11
7
11
mA
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
5.5
5.5
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
17
17
pF
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54BCT25244
SN74BCT25244
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1
3.2
4.9
1
5.6
1
5.5
ns
tPHL
A
Y
2
4
5.6
2
6.3
2
6
ns
tPZH
OE
Y
3.2
5.6
8.5
3.2
9.7
3.2
9.3
ns
tPZL
OE
Y
3.7
6.3
9.2
3.7
10.4
3.7
10.2
ns
tPHZ
OE
Y
1.6
3.6
5.5
1.6
6.5
1.6
6.3
ns
tPLZ
OE
Y
3.1
5.3
7.8
3.1
9.5
3.1
8.4
ns
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.


유사한 부품 번호 - SN74BCT25244NT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT25244NT TI-SN74BCT25244NT Datasheet
73Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74BCT25244NT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54BCT25244 TI-SN54BCT25244 Datasheet
73Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com