์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BC56-11GWA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Kingbright Corporation

๋ถ€ํ’ˆ๋ช… BC56-11GWA
์ƒ์„ธ๋‚ด์šฉ  14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  KINGBRIGHT [Kingbright Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.us.kingbright.com
Logo 

BC56-11GWA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 2 / 4 page
background image
SPEC NO: DSAA4201
REV NO: V.9
DATE: MAY/24/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1303000135
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25ยฐC
Electrical / Optical Characteristics at TA=25ยฐC
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
BC56-11GWA
Green (GaP)
WHITE DIFFUSED
3000
16000
Common Cathode ,Rt.
Hand Decimal
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
ฮปpeak
Peak Wavelength
Green
565
nm
IF=20mA
ฮปD [1]
Dominant Wavelength
Green
568
nm
IF=20mA
ฮ”ฮป1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR=5V
Parameter
Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40ยฐC To +85ยฐC
Lead Solder Temperature[2]
260ยฐC For 3-5 Seconds


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
BA56-13YWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BC56-11EWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-12SRWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-11EWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-11GWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-11SRWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-11YWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-12EWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-12GWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-12YWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn