์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BC56-11YWA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Kingbright Corporation

๋ถ€ํ’ˆ๋ช… BC56-11YWA
์ƒ์„ธ๋‚ด์šฉ  14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  KINGBRIGHT [Kingbright Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.us.kingbright.com
Logo 

BC56-11YWA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 3 / 4 page
background image
SPEC NO: DSAD2357
REV NO: V.8
DATE: MAY/24/2007
PAGE: 3 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1303000249
Yellow
BC56-11YWA


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
BA56-13YWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BC56-11EWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-12SRWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BC56-11GWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BC56-11SRWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-11EWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-11GWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-11SRWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-11YWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
BA56-12EWA14.22mm 0.56INCH THREE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn