전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2914N 데이터시트(PDF) 1 Page - Texas Instruments

부품명 UC2914N
상세설명  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2914N 데이터시트(HTML) 1 Page - Texas Instruments

  UC2914N Datasheet HTML 1Page - Texas Instruments UC2914N Datasheet HTML 2Page - Texas Instruments UC2914N Datasheet HTML 3Page - Texas Instruments UC2914N Datasheet HTML 4Page - Texas Instruments UC2914N Datasheet HTML 5Page - Texas Instruments UC2914N Datasheet HTML 6Page - Texas Instruments UC2914N Datasheet HTML 7Page - Texas Instruments UC2914N Datasheet HTML 8Page - Texas Instruments UC2914N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
5V to 35V HOT SWAP
POWER MANAGER
1
www.ti.com
FEATURES
D 5-V to 35-V Operation
D Precision Maximum Current Control
D Precision Fault Threshold
D Programmable Average Power Limiting
D Programmable Overcurrent Limit
D Shutdown Control
D Charge Pump for Low RDS(on) High-Side
Drive
D Latch Reset Function Available
D Output Drive VGS Clamping
D Fault Output Indication
D 18-Pin DIL and SOIC Packages
SIMPLIFIED APPLICATION DIAGRAM
DESCRIPTION
The UC3914 family of hot swap power managers
provides complete power management, hot swap
and fault handling capability. Integrating this part
and a few external components, allows a board to
be swapped in or out upon failure or system
modification without removing power to the
hardware, while maintaining the integrity of the
powered system. Complementary output drivers
and diodes have been integrated for use with
external capacitors as a charge pump to ensure
sufficient gate drive to the external N-channel
MOSFET transistor for low RDS(on). All control and
housekeeping functions
are
integrated
and
externally programmable and include the fault
current level, maximum output sourcing current,
maximum fault time and average power limiting of
the external FET. The UC3914 features a duty
ratio current limiting technique, which provides
peak load capability while limiting the average
power dissipation of the external pass transistor
during fault conditions. The fault level is fixed at
50 mV with respect to VCC to minimize total
dropout.
The fault current level is set with an external
current sense resistor. The maximum allowable
sourcing current is programmed by using a
resistor divider from VCC to REF to set the voltage
on IMAX. The maximum current level, when the
output appears as a current source is (VVCC
VIMAX)/RSENSE.
This part is offered in both 18-pin DW wide-body
(SOIC) and dual-in-line (DIL) packages.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UDG−03114
SD
FAULT
VOUT
VOUT
1
5
7
4
18
16
2
17
REF
IMAX
VCC
SENSE
PMPB
OSCB
VPUMP
10
1
GND
11
12
14
15
OUT
VOUTS
PLIM
CT
13
LR
9
PMP
6
OSC
UC2914/UC3914
VCC
VCC


유사한 부품 번호 - UC2914N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2914 TI-UC2914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

유사한 설명 - UC2914N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com