전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2914DW 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC2914DW
상세설명  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2914DW 데이터시트(HTML) 4 Page - Texas Instruments

  UC2914DW Datasheet HTML 1Page - Texas Instruments UC2914DW Datasheet HTML 2Page - Texas Instruments UC2914DW Datasheet HTML 3Page - Texas Instruments UC2914DW Datasheet HTML 4Page - Texas Instruments UC2914DW Datasheet HTML 5Page - Texas Instruments UC2914DW Datasheet HTML 6Page - Texas Instruments UC2914DW Datasheet HTML 7Page - Texas Instruments UC2914DW Datasheet HTML 8Page - Texas Instruments UC2914DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
4
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C for the UC3914, −40°C to 85°C for the UC2914, VCC = 12V, VPUMP = VPUMP(max), SD = 5 V, CP1 = CP2 = CPUMP= 0.01 µF.
TA = TJ. (Unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGE PUMP
fOSC,
fOSCB
Oscillator frequency
OSC, OSCB
60
150
250
kHz
VOH
High-level output voltage
IOSC = −5 mA
10.0
11.0
11.6
V
VOL
Low-level output voltage
IOSC = 5 mA
0.2
0.5
V
Output clamp voltage
VCC = 25 V
18.5
20.5
22.5
V
ILIM
Output current limit
High side only
−20
−10
−3
mA
Pump diode voltage drop
IDIODE = 10 mA,
measured from PMP to
PMPB, PMPB to VPUMP
0.5
0.9
1.3
PMP clamp voltage
VCC = 25 V
18.5
20.5
22.5
VPUMP maximum voltage
VVOUTS = VCC charge pump disable threshold,
VCC = 12 V
20
22
24
VPUMP maximum voltage
VVOUTS = VCC charge pump disable threshold,
VCC = 35 V
42
45
48
V
VPUMP hysteresis
VVOUTS = VCC charge pump re-enable
threshold,
VCC = 12 V
0.3
0.7
1.4
VPUMP hysteresis
VVOUTS = VCC charge pump re-enable
threshold,
VCC = 35 V
0.25
0.70
1.40
REFERENCE
REF output voltage
wrt VCC
−2.25
−2.00
−1.75
V
REF current limit
12.5
20.0
50.0
mA
Load regulation
1 mA
≤ IVREF ≤ 5 mA
25
60
mV
Line regulation
5 V
≤ VVCC ≤ 35 V
25
100
mV
FAULT
Low-level output voltage
IFAULT = 1 mA
100
200
mV
Output leakage
VFAULT = 35 V
10
500
nA
LATCH
Latch release threshold voltage
High-to-low
0.6
1.4
2.0
V
Input current
VLR = 5 V
500
750
µA
POWER LIMITING
Duty cycle control
IPLIM = 200 µA
In fault mode
0.6%
1.3%
2.0%
Duty cycle control
IPLIM = 3 mA
In fault mode
0.05%
0.12%
0.20%
OVERLOAD
Delay-to-output time(1)
500
1250
ns
Threshold voltage
wrt IMAX
−250
−200
−150
mV
(1) Ensured by design. Not production tested.
(2) A mathematical averaging is used to determine this value. See Application Section for more information.


유사한 부품 번호 - UC2914DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2914 TI-UC2914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

유사한 설명 - UC2914DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com