전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC24-11SRWA 데이터시트(PDF) 1 Page - Kingbright Corporation

부품명 TC24-11SRWA
상세설명  60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC24-11SRWA 데이터시트(HTML) 1 Page - Kingbright Corporation

  TC24-11SRWA Datasheet HTML 1Page - Kingbright Corporation TC24-11SRWA Datasheet HTML 2Page - Kingbright Corporation TC24-11SRWA Datasheet HTML 3Page - Kingbright Corporation TC24-11SRWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2475
REV NO: V.8
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000650
60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
Part Number: TC24-11SRWA
Super Bright Red
Features
2.4 INCH MATRIX HEIGHT.
DOT SIZE 5mm.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMPATIBLE WITH ASCII AND EBCDIC CODES.
STACKABLE HORIZONTALLY.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MULTICOLOR AVAILABLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE DOT.
RoHS COMPLIANT
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


유사한 부품 번호 - TC24-11SRWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11YWA KINGBRIGHT-TC24-11YWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results

유사한 설명 - TC24-11SRWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
TA24-11GWA KINGBRIGHT-TA24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBC24-11EGWA KINGBRIGHT-TBC24-11EGWA Datasheet
251Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
SA08-21GWA KINGBRIGHT-SA08-21GWA Datasheet
181Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBA24-22EGWA KINGBRIGHT-TBA24-22EGWA Datasheet
175Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBC24-22EGWA KINGBRIGHT-TBC24-22EGWA Datasheet
175Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TA24-11EWA KINGBRIGHT-TA24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBA24-11EGWA KINGBRIGHT-TBA24-11EGWA Datasheet
251Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11YWA KINGBRIGHT-TC24-11YWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com