전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54AC151 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54AC151
상세설명  8-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC151 데이터시트(HTML) 6 Page - National Semiconductor (TI)

  54AC151 Datasheet HTML 1Page - National Semiconductor (TI) 54AC151 Datasheet HTML 2Page - National Semiconductor (TI) 54AC151 Datasheet HTML 3Page - National Semiconductor (TI) 54AC151 Datasheet HTML 4Page - National Semiconductor (TI) 54AC151 Datasheet HTML 5Page - National Semiconductor (TI) 54AC151 Datasheet HTML 6Page - National Semiconductor (TI) 54AC151 Datasheet HTML 7Page - National Semiconductor (TI) 54AC151 Datasheet HTML 8Page - National Semiconductor (TI) 54AC151 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AC Electrical Characteristics
Symbol
Parameter
54AC
Units
V
CC
T
A = −55˚C to +125˚C
Fig.
(V)
C
L = 50 pF
No.
(Note 8)
Min
Max
t
PLH
Propagation Delay
3.3
1.0
22.0
ns
S
n toZorZ
5.0
1.0
15.5
t
PHL
Propagation Delay
3.3
1.0
22.0
ns
S
n toZorZ
5.0
1.0
15.5
t
PLH
Propagation Delay
3.3
1.0
15.5
ns
EtoZorZ
5.0
1.0
12.0
t
PHL
Propagation Delay
3.3
1.0
15.5
ns
EtoZorZ
5.0
1.0
12.0
t
PLH
Propagation Delay
3.3
1.0
16.0
ns
I
n toZorZ
5.0
1.0
12.0
t
PHL
Propagation Delay
3.3
1.0
18.0
ns
I
n toZorZ
5.0
1.0
13.0
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
Symbol
Parameter
54ACT
Units
V
CC
T
A = −55˚C to +125˚C
Fig.
(V)
C
L = 50 pF
No.
(Note 9)
Min
Max
t
PLH
Propagation Delay
5.0
1.0
19.5
ns
S
n to Z
t
PHL
Propagation Delay
5.0
1.0
20.0
ns
S
n to Z
t
PLH
Propagation Delay
5.0
1.0
19.5
ns
S
n to Z
t
PHL
Propagation Delay
5.0
1.0
20.0
ns
S
n to Z
t
PLH
Propagation Delay
5.0
1.0
12.0
ns
EtoZ
t
PHL
Propagation Delay
5.0
1.0
12.5
ns
EtoZ
t
PLH
Propagation Delay
5.0
1.0
12.0
ns
EtoZ
t
PHL
Propagation Delay
5.0
1.0
12.5
ns
EtoZ
t
PLH
Propagation Delay
5.0
1.0
15.0
ns
I
n to Z
t
PHL
Propagation Delay
5.0
1.0
16.0
ns
I
n to Z
t
PLH
Propagation Delay
5.0
1.0
15.0
ns
I
n to Z
t
PHL
Propagation Delay
5.0
1.0
16.0
ns
I
n to Z
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
www.national.com
6


유사한 부품 번호 - 54AC151

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
54AC151D NSC-54AC151D Datasheet
156Kb / 10P
   8-Input Multiplexer
54AC151F NSC-54AC151F Datasheet
156Kb / 10P
   8-Input Multiplexer
54AC151L NSC-54AC151L Datasheet
156Kb / 10P
   8-Input Multiplexer
More results

유사한 설명 - 54AC151

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
   8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
[Old version datasheet]   8-Input Multiplexer
logo
National Semiconductor ...
54LS152 NSC-54LS152 Datasheet
77Kb / 3P
   8-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com