전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2738YMY 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2738YMY
상세설명  550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2738YMY 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2738YMY Datasheet HTML 6Page - National Semiconductor (TI) LM2738YMY Datasheet HTML 7Page - National Semiconductor (TI) LM2738YMY Datasheet HTML 8Page - National Semiconductor (TI) LM2738YMY Datasheet HTML 9Page - National Semiconductor (TI) LM2738YMY Datasheet HTML 10Page - National Semiconductor (TI) LM2738YMY Datasheet HTML 11Page - National Semiconductor (TI) LM2738YMY Datasheet HTML 12Page - National Semiconductor (TI) LM2738YMY Datasheet HTML 13Page - National Semiconductor (TI) LM2738YMY Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
//htmlimg2.alldatasheet.co.kr/htmldatasheet2/233352/NSC/LM2738YMY/614/10/LM2738YMY.png


유사한 부품 번호 - LM2738YMY

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2738YMY TI1-LM2738YMY Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
LM2738YMY/NOPB TI1-LM2738YMY/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
More results

유사한 설명 - LM2738YMY

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2738 TI-LM2738_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com