전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G02DCKT 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G02DCKT
상세설명  LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G02DCKT 데이터시트(HTML) 2 Page - Texas Instruments

  SN74AUP1G02DCKT Datasheet HTML 1Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time − ns
Output
Input
Switching Characteristics
at 25 MHz
AUP1G08 data at CL = 15 pF
AUP
LVC
AUP
AUP
LVC
Static-Power Consumption
(
µA)
Dynamic-Power Consumption
(pF)
Single, dual, and triple gates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
SN74AUP1G02
LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SCES568D – JUNE 2004 – REVISED MAY 2007
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74AUP1G02YFPR
PREVIEW
0.23-mm Large Bump – YFP (Pb-free)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74AUP1G02YZPR
PREVIEW
0.23-mm Large Bump – YZP (Pb-free)
–40
°C to 85°C SON – DRY
Reel of 5000
SN74AUP1G02DRYR
PREVIEW
SOT (SOT-23) – DBV
Reel of 3000
SN74AUP1G02DBVR
H02_
SOT (SC-70) – DCK
Reel of 3000
SN74AUP1G02DCKR
HB_
SOT (SOT-553) – DRL
Reel of 4000
SN74AUP1G02DRLR
HB_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK/DRL/DRY: The actual top-side marking has one additional character that designates the assembly/test site.
YFP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
FUNCTION TABLE
INPUTS
OUTPUT
Y
A
B
L
L
H
L
H
L
H
L
L
H
H
L
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback


유사한 부품 번호 - SN74AUP1G02DCKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G02DCKT TI-SN74AUP1G02DCKT Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DCKT TI-SN74AUP1G02DCKT Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DCKT TI1-SN74AUP1G02DCKT Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
SN74AUP1G02DCKTE4 TI-SN74AUP1G02DCKTE4 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DCKTE4 TI-SN74AUP1G02DCKTE4 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results

유사한 설명 - SN74AUP1G02DCKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI-SN74AUP1G02 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI1-SN74AUP1G02_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com